Electronic Components Datasheet Search
  English  ▼

X  

MF06P Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part # MF06P
Description  RoHS compliant and Halogen free and Lead free products
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06P Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF06P Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF06P Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Approval sheet
Page 9 of 8
ASC_MFxxP_AUTO_V01
JUL 2017
Mechanical Shock
MIL-STD-202
method 213
Test ½ Sine Pulse, Peak value: 100g, normal duration:
6ms, Velocity change:12.3ft/sec. Three shocks in each
direction, total 18 shocks.
Within product specification
tolerance and no visible damage.
Vibration
MIL-STD-202
method 204
Test 5g
’s for 20 min., 12 cycles each of 3 orientations.
△R/R max. ±(1%+0.05Ω) and
no visible damage
Resistance to Solvents :
MIL-STD-202
Method 215
Solvent is Isopropyl alcohol, immersion 3mins at 25℃
and brush 10 strokes with a toothbrush with a handle
made of a non-reactive material (wet bristle), immersion
and brush 3 times and then air blow dry.
No superficial defect on marking,
encapsulation, coating,
appearance. Electrical
characteristics within products
specification and tolerance.
Inspect at 3X max. for marking,
inspect at 10X for part damage.
External Visual
MIL-STD-883
method 2009
Electrical test not required. Inspect device construction,
marking and workmanship
No visual damage and refer
WTC marking code.
Physical Dimension
JESD22
method JB-100
Verify physical dimensions(L, W, T, Tb, Tt)
Within the specified tolerance for
WTC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com