Electronic Components Datasheet Search
  English  ▼

X  

MF12Q Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # MF12Q
Description  Special passivation layer on resistive file
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF12Q Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  MF12Q Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Approval Sheet
Page 5 of 13
ASC_MFxxQ&R
Aug - 2018
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E192 & E24 series for resistors with a tolerance of
1%, 0.5%, 0.25%, 0.1%, 0.05%. The values of the E24/E192 series are in accordance with “IEC
publication 60063”.
DERATING
The power that the resistor can dissipate depends on the operating temperature; see Fig.2
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by
automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.
Storage and Handling Condition:
1.
Products are recommended to be used up within two years. Check solderability in case
shelf life extension is needed.
2.
To store products with following condition:
Temperature : 5 to 40
Humidity
: 20 to 70% relative humidity
3.
Caution:
a. Don’t store products in a corrosive environment such as sulfide, chloride gas, or acid. It
may cause oxidation of electrode, which easily be resulted in poor soldering.
b. To store products on the shelf and avoid exposure to moisture.
c. Don’t expose products to excessive shock, vibration, direct sunlight and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com