Electronic Components Datasheet Search
  English  ▼

X  

MF12Q Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # MF12Q
Description  Special passivation layer on resistive file
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF12Q Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  MF12Q Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Approval Sheet
Page 1 of 13
ASC_MFxxQ&R
Aug - 2018
MF12Q/R, MF08Q/R, MF06Q/R, MF04Q/R
1%, 0.5%, 0.25%, 0.1%, 0.05%
TC50 , TC25
Precision Thin Film Chip Resistors
Size 1206, 0805, 0603, 0402
AEC-Q200 Qualified
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - MF12Q

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
MF12Q1020AML WALSIN-MF12Q1020AML Datasheet
2Mb / 13P
Precision Thin Film Chip Resistors
MF12Q1020ATL WALSIN-MF12Q1020ATL Datasheet
2Mb / 13P
Precision Thin Film Chip Resistors
MF12Q1020AVL WALSIN-MF12Q1020AVL Datasheet
2Mb / 13P
Precision Thin Film Chip Resistors
MF12Q1020AZL WALSIN-MF12Q1020AZL Datasheet
2Mb / 13P
Precision Thin Film Chip Resistors
MF12Q1020BML WALSIN-MF12Q1020BML Datasheet
2Mb / 13P
Precision Thin Film Chip Resistors
More results

Similar Description - MF12Q

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LHF04C01 SHARP-LHF04C01 Datasheet
3Mb / 48P
4M Flash File Memory
logo
MERITEK ELECTRONICS COR...
AS73 MERITEK-AS73 Datasheet
329Kb / 5P
Special passivation for moisture sensitive applications
logo
Kersemi Electronic Co.,...
BCR3AS-12 KERSEMI-BCR3AS-12 Datasheet
1Mb / 13P
Planar Passivation Type
BCR3KM-12LA KERSEMI-BCR3KM-12LA Datasheet
664Kb / 7P
Planar Passivation Type
BCR3KM-12LB KERSEMI-BCR3KM-12LB Datasheet
673Kb / 7P
Planar Passivation Type
BCR16KM-12LA KERSEMI-BCR16KM-12LA Datasheet
1,006Kb / 7P
Planar Passivation Type
logo
Vishay Siliconix
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF Datasheet
152Kb / 7P
UL approved file E222165
19-Mar-15
logo
Shanghai Leiditech Elec...
D2UB05 LEIDITECH-D2UB05 Datasheet
1Mb / 3P
UL recognition, file #E230084
logo
Vishay Siliconix
CSFR VISHAY-CSFR Datasheet
105Kb / 2P
Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
07-Aug-14
logo
Murata Manufacturing Co...
PVZ3G474C01B00 MURATA1-PVZ3G474C01B00_V01 Datasheet
249Kb / 3P
Excellent solderability characteristics are achieved via special plating techniques on each achieved via special plating techniques on each
09/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com