Electronic Components Datasheet Search
  English  ▼

X  

MF12Q Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part # MF12Q
Description  Special passivation layer on resistive file
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF12Q Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF12Q Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION MF12Q Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Approval Sheet
Page 9 of 13
ASC_MFxxQ&R
Aug - 2018
TEST AND REQUIREMENTS
TEST
PROCEDURE
REQUIREMENT
Resistor
Vibration
MIL-STD-202 Method 204
5 g's for 20 min , 12 cycles each of 3 orientations
R/R max. (0.1%+0.02 )
Terminal strength
AEC-Q200-6
1 kg for 60 s
No broken
Board flex
AEC-Q200-005
Bending 2mm for 60 sec
R/R max. (0.1%+0.02 )
Flower of sulfur
ASTM-B809-95
105±2
, duration 1000hours.
0402
R/R max. (0.2%+0.02 )
others
R/R max. (0.1%+0.02 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com