Electronic Components Datasheet Search
  English  ▼

X  

WA02A Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA02A
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA02A Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WA02A Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Approval sheet
Page 5 of 7
ASC_WA02A_V02
Jan - 2013
SOLDERING CONDITION
The robust construction of chip resistors allows
them to be completely immersed in a solder bath
of 260
°C for 10 seconds. Therefore, it is possible
to mount Surface Mount Resistors on one side of
a PCB and other discrete components on the
reverse (mixed PCBs).
Surface
Mount
Resistors
are
tested
for
solderability at 235
°C during 2 seconds. The test
condition for no leaching is 260
°C for 30 seconds.
Typical examples of soldering processes that
provide reliable joints without any damage are
given in Fig 3.
Fig 3. Infrared soldering profile for Chip Resistors array
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WA02
A
472_
J
T
L
Size code
WA02 : 0201
Type code
A
: x4, Flat
Resistance code
5% E24 :
2
significant
digits
followed by no. of zeros and
a blank
4.7
Ω
=4R7_
10
Ω
=100_
220
Ω
=221_
Jumper
=000_
(“_” means a blank)
1%, E24+E96: 3 significant digits
followed by no. of zeros
100
Ω
=1000
37.4K
Ω
=3742
Tolerance
J :
±5%
F :
±1%
P : Jumper
Packaging code
T :
7” 10kpcs Reel
taping
Termination code
L = Sn base
(lead free)
Reeled tape packaging
: 8mm width paper taping 7” reel 10,000pcs per reel,
Recommended Land Pattern Dimensions:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com