Electronic Components Datasheet Search
  English  ▼

X  

WA02A Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA02A
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA02A Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WA02A Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WA02A Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_WA02A_V02
Jan - 2013
FEATURE
1.
Small size and light weight
2.
Reduced size of final equipment
3.
Lower surface mounted assembly costs
4.
Higher component and equipment reliability
5.
Lead free / Halogen free
APPLICATION
•
Consumer electrical equipment, PDA, Digital Cam-coder, …
•
EDP, Computer application
•
Mobile phone, Telecom
•
Ram module
DESCRIPTION
The resistors array is constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
ease of soldering the outer layer of these end terminations is a Tin (lead free) solder alloy.
Fig 1. Outline of chip-R array WA02A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com