Electronic Components Datasheet Search
  English  ▼

X  

Q45AD9LP Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # Q45AD9LP
Description  Q45AD9 NAMUR Series Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45AD9LP Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button Q45AD9LP Datasheet HTML 2Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 3Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 4Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 5Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 6Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 7Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 8Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 9Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Plastic Fiber Optic (Opposed Mode)
Plastic Fiber Optic (Diffuse Mode)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45AD9FP
Opposed Mode
PIT46U Fibers
PIT26U Fibers
125 mm
5.0 in
100 mm
4.0 in
75 mm
3.0 in
50 mm
2.0 in
25 mm
1.0 in
0
0
15 mm
30 mm
45 mm
15 mm
30 mm
45 mm
0
0.6 in
1.2 in
1.8 in
0.6 in
1.2 in
1.8 in
DISTANCE
Q45AD9FP
Opposed Mode
PIT46U Fibers
PIT26U Fibers
1
10
100
1 mm
0.04 in
10 mm
0.4 in
100 mm
4 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45AD9FP
Diffuse Mode
PBT46U Fiber
PBT26U Fiber
50 mm
2.0 in
40 mm
1.6 in
30 mm
1.2 in
20 mm
0.8 in
10 mm
0.4 in
0
0
0.8 mm
1.6 mm
2.4 mm
0.8 mm
1.6 mm
2.4 mm
0
0.03 in
0.06 in
0.09 in
0.03 in
0.06 in
0.09 in
DISTANCE
Q45AD9FP
Diffuse Mode
PBT46U Fiber
Glass Fiber Optic, Infrared (Opposed Mode)
Glass Fiber Optic, Infrared (Diffuse Mode)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4 in
1000 mm
40 in
1.0 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45AD9F
Opposed Mode
IT23S fibers
IT13S fibers
625 mm
25 in
500 mm
20 in
375 mm
15 in
250 mm
10 in
125 mm
5 in
0
0
12.5 mm
25.0 mm
37.5 mm
12.5 mm
25.0 mm
37.5 mm
0
0.5 in
1.0 in
1.5 in
0.5 in
1.0 in
1.5 in
DISTANCE
Q45AD9F
Opposed Mode
IT23S Fibers
IT13S Fibers
1
10
100
10 mm
0.4 in
100 mm
4 in
1000 mm
40 in
1.0 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45AD9F
Diffuse Mode
BT23S fiber
BT13S fiber
62.5 mm
2.5 in
50.0 mm
2.0 in
37.5 mm
1.5 in
25.0 mm
1.0 in
12.5 mm
0.5 in
0
0
0.5 mm
1.0 mm
1.5 mm
0.5 mm
1.0 mm
1.5 mm
0
0.02 in
0.04 in
0.06 in
0.02 in
0.04 in
0.06 in
DISTANCE
Q45AD9F
Diffuse Mode
BT23S Fiber
BT13S Fiber
Glass Fiber Optic, Visible Red (Opposed Mode)
Glass Fiber Optic, Visible Red (Diffuse Mode)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4 in
1000 mm
40 in
1.0 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45AD9FV
Opposed Mode
IT23S Fibers
IT13S Fibers
300 mm
12 in
250 mm
10 in
200 mm
8 in
150 mm
6 in
100 mm
4 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
Q45AD9FV
Opposed Mode
IT23S Fibers
IT13S Fibers
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45AD9FV
Diffuse Mode
BT23S Fiber
BT13S
Fiber
25 mm
1.0 in
20 mm
0.8 in
15 mm
0.6 in
10 mm
0.4 in
5 mm
0.2 in
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04 in
0.08 in
0.12 in
0.04 in
0.08 in
0.12 in
DISTANCE
Q45AD9FV
Diffuse Mode
BT23S Fiber
BT13S Fiber
Q45AD9 NAMUR Series Sensor
P/N 38343 Rev. K
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com