Electronic Components Datasheet Search
  English  ▼

X  

Q45AD9LP Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # Q45AD9LP
Description  Q45AD9 NAMUR Series Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45AD9LP Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button Q45AD9LP Datasheet HTML 2Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 3Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 4Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 5Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 6Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 7Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 8Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 9Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Dimensions
NAMUR Series Opposed, Retro, and Diffuse Sensing Modes (Model Suffix E, R, D, DL, LP, and LV)
Cabled Models
Quick-Disconnect 4-pin Euro-style Models
54.1 mm
(2.13")
44.5 mm
(1.75")
69.0 mm
(2.72")
87.6 mm
(3.45")
Internal Thread
(1/2–14NPSM)
30.0 mm
(1.18")
ø 6.1 (0.24")
2m (6.5') Cable
7.1 mm
(0.28")
4.5 mm (#10) Screw
Clearance (2)
50.8 mm
(2.00")
6.4 mm (0.25")
Lens Centerline
External thread (M30 x 1.5)
hex nut supplied
15 mm (0.6")
Euro- or Micro-style
QD Connector
Convergent Sensor Models (CV and CV4)
Glass Fiber Optic Models (F and FV)
Plastic Fiber Optic Models (FP)
61.7 mm
(2.43")
60.5 mm
(2.38")
59.9 mm
(2.36")
Q45AD9 NAMUR Series Sensor
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 38343 Rev. K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com