Electronic Components Datasheet Search
  English  ▼

X  

Q45AD9LP Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # Q45AD9LP
Description  Q45AD9 NAMUR Series Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45AD9LP Datasheet(HTML) 3 Page - Banner Engineering Corp.

  Q45AD9LP Datasheet HTML 1Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 2Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 3Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 4Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 5Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 6Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 7Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 8Page - Banner Engineering Corp. Q45AD9LP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Models are available with either a 2 m (6.5 ft) or 9 m (30 ft) long attached PVC-covered cable, or a 4-pin M12/Euro-style quick
disconnect (QD) connector. Quick disconnect models (with Q in the model number suffix) use MQD9-4.. mating cable (either straight or
right angle connector; see Accessories on page 9). Contact Banner Engineering for the availability of sensor models with 9 m (30 ft)
long attached cable.
Installation Instructions
Ex/HazLoc Applications
WARNING:
• Explosive Atmospheres/Hazardous Locations
• The user has the responsibility to ensure that all local, state, and national laws, rules, codes, or regulations
relating to the installation and use of this Banner device in any particular application are satisfied. This
Banner device must be installed by Qualified Persons, in accordance with this document and applicable
regulations.
• A Qualified Person is a person who, by possession of a recognized degree or certificate of professional
training, or who, by extensive knowledge, training and experience, has successfully demonstrated the
ability to solve problems relating to the subject matter and work.
WARNING:
• Explosion Hazard
• Do not disconnect equipment unless the power has been switched off or the area is known to be non-
hazardous.
CAUTION: Electrostatic Discharge (ESD)
Special Conditions for Safe Use. Parts of the enclosure are non-conducting and may generate an ignition-capable
level of ESD. Cleaning of the equipment shall be done only with a damp cloth.
General Notes and Conditions for Safe Use:
• See Specifications and Wiring Diagrams for important information concerning entity parameters, permissible locations,
electrical connections and certifications.
• In addition to the warning above concerning user responsibility, the installation must comply with the following:
◦
All installations must comply with all manufacturer's instructions.
◦
U.S. Installations: The relevant requirements of the National Electrical Code® (ANSI/NFPA-70 (NEC®) and when
appropriate ANSI/ISA-RP12.06.01 Installation of Intrinsically Safe Systems for Hazardous (Classified) Locations.
◦
Canadian Installations: The relevant requirements of the Canadian Electrical Code (CSA C22.1).
◦
ATEX and IECEx Installations: The relevant requirements of EN 60079-14 and applicable National regulations.
• Do not attempt any repairs to this Banner device; it contains no field-replaceable parts or components. Tampering and/or
replacement with non-factory components may adversely affect the safe use of the system.
• Approved Apparatus entity parameters must meet the following requirements:
◦
Voc or Vt ≤ Vmax
◦
Ca ≥ Ci + Ccable
◦
Isc or It ≤ Imax
◦
La ≥ Li + Lcable
• Sensor Entity Parameters:
◦
Vmax (Ui) ≤ 15 V dc
◦
Imax (li) ≤ 60 mA
◦
Pi ≤ 225 mW
◦ Ci = 0.3 μF
◦
Li = 0 mH
• Cable Entity Parameters (if unknown):
◦
Ccable = 60 pF/ft
◦
Lcable = 0.2 µH/ft
• The ambient operating temperature range of the Sensors is −40 °C to +70 °C (−40 °F to +158 °F).
• For U.S. installations, Class II and III, Division 2 applies only to model numbers ending in a Q suffix.
• For intrinsically safe installations, sensors must be used with certified intrinsically safe switching amplifiers and barriers
(Approved Apparatus) with intrinsically safe circuits that limit supply voltage and current in the event of failures.
• Associated Apparatus is not required for installation of the devices within a Division 2 hazardous (classified) location when
installed per the National Electrical Code. The maximum voltage for Division 2 installation is 15V dc. In Division 2 installations
(without Associated Apparatus), observe Explosion Hazard warning at the beginning of this section.
• Associated Apparatus is not required for installation of the devices within a Division 2 hazardous (classified) location when
installed in, or through the wall of a suitable enclosure with provision for connection of rigid metal conduit per the Canadian
Electrical Code, as acceptable to the local inspection authority having jurisdiction. The maximum rating for Division 2
installation is 15V dc, 60 mA. In Division 2 installations (without Associated Apparatus), observe Explosion Hazard warning at
the beginning of this section.
• Maximum non-hazardous area voltage that the Approved Apparatus (intrinsically safe circuit) is connected to must not exceed
250V.
Q45AD9 NAMUR Series Sensor
P/N 38343 Rev. K
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com