Electronic Components Datasheet Search
  English  ▼

X  

L2949E Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L2949E
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2949E Datasheet(HTML) 2 Page - Unisonic Technologies

  L2949E Datasheet HTML 1Page - Unisonic Technologies L2949E Datasheet HTML 2Page - Unisonic Technologies L2949E Datasheet HTML 3Page - Unisonic Technologies L2949E Datasheet HTML 4Page - Unisonic Technologies L2949E Datasheet HTML 5Page - Unisonic Technologies L2949E Datasheet HTML 6Page - Unisonic Technologies L2949E Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTCL2949E
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R102-014,A
BLOCK DIAGRAM
Vz
VOUT
CT
PREREGULATOR 5V
VS
REG
SI
REF
1.23V
SENSE
1.23V
2V
RESET
2μ
+
VS
GND
SO
RES
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
DC Operating Supply Voltage
VCC
28
V
Transient Supply Voltage(T<1s)
VCC TR
40
V
Output Current
Io
Internally Limited
Output Voltage
Vo
20
V
Output Voltage
Reset Output
Sense Output
VRES
Vso
20
20
V
Output Current
Reset Output
Sense Output
IRES
Iso
5
5
mA
Preregulator Output Voltage
Vz
7
V
Preregulator Output Current
Iz
5
mA
Junction Temperature
Tj
-40~+150
℃
Storage Temperature Range
Tstg
-55~+150
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com