Electronic Components Datasheet Search
  English  ▼

X  

L2949E Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L2949E
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2949E Datasheet(HTML) 1 Page - Unisonic Technologies

  L2949E Datasheet HTML 1Page - Unisonic Technologies L2949E Datasheet HTML 2Page - Unisonic Technologies L2949E Datasheet HTML 3Page - Unisonic Technologies L2949E Datasheet HTML 4Page - Unisonic Technologies L2949E Datasheet HTML 5Page - Unisonic Technologies L2949E Datasheet HTML 6Page - Unisonic Technologies L2949E Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTCL2949E
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R102-014,A
MULTIFUNCTION VERY LOW
DROP VOLTAGE REGULATOR
DESCRIPTION
The UTC L2949E is a monolithic integrated 5V voltage
regulator with a very low dropout output and additonal
functions as power-on reset and input voltage sense.It is
designed for supplying the microcomputer controlled
systems especially in automotive applications.
FEATURES
*Operating dc supply voltage range 5V to 28V.
*Transient supply voltage up to 40V.
*Extremely low quiescent current in standby mode.
*High precision standby output voltage 5V±1%
*Output current capability up to 100mA.
*Very low dropout voltage less than 0.5V.
*Reset circuit sensing the output voltage
*Programmable reset pulse delay with external capacitor
*Voltage sense comparator.
*Thermal shutdown and short circuit protections.
SOP-20
DIP-8
SOP-8
PIN CONNECTIONS
1
2
3
4
8
7
6
5
VS
SI
Vz
CT
VOUT
SO
RES
GND
DIP-8/SOP-8
1
2
3
4
8
7
6
5
VS
SI
Vz
CT
VOUT
SO
RES
GND
9
10
20
19
18
17
16
15
14
13
12
11
N.C.
GND
GND
GND
N.C.
N.C.
GND
GND
GND
GND
N.C.
N.C.
SOP-20


Similar Part No. - L2949E

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
More results

Similar Description - L2949E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com