Electronic Components Datasheet Search
  English  ▼

X  

L2949E Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L2949E
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2949E Datasheet(HTML) 6 Page - Unisonic Technologies

  L2949E Datasheet HTML 1Page - Unisonic Technologies L2949E Datasheet HTML 2Page - Unisonic Technologies L2949E Datasheet HTML 3Page - Unisonic Technologies L2949E Datasheet HTML 4Page - Unisonic Technologies L2949E Datasheet HTML 5Page - Unisonic Technologies L2949E Datasheet HTML 6Page - Unisonic Technologies L2949E Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UTCL2949E
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
6
QW-R102-014,A
VOUT
5V
VOUT
0V
2V
5V
Vs
40V
Figure 2: Output Voltage vs.Input voltage
Figure 3: Quiescent Current vs.Supply Voltage
2.0
0
1.5
1.0
0.5
IQ
mA
Vs
5V
28V
RL=100Ω
RL=4.7KΩ
Preregulator
To improve the transient immunity a preregulator stabilized the internal supply voltage to 5V.This internal voltage is
present at Pin3(Vz).This voltage should not be used as an output because the output capability is very small(≦10μ
A).
This output may be used as an option when a better transient behaviour for supply voltages less than 8V is
required(see also application note).
In this case a capacitor(100nF - 1μF) must be connected between Pin3 and GND.If this feature is not used Pin3
must be left open.
Reset Circuit
The block circuit diagram of the reset circuit is shown in Fig.4. the reset circuit supervises the output voltage.
The reset thereshold of 4.5V is defined with the internal reference voltage and standby output drivider.
The reset pulse delay time tRD,is defined with the charge time of an external capacitor CT:
CT● 2V
TRD=
2μA
The reaction time of the reset circuit originates from the discharge time limitation of the reset capacitor CT and is
proportional of the reset capacitor CT and is proportional to the value of CT.
The reactioin time of the reset circuit increases the noise immunity.Standby output voltagedrops below the reset
threshold only a bit longer than th reaction time results in a shorter reset delay time.
The nominal reset delay time will be generated for standby output voltage drops longer than approximately 50μs.
The typical reset output waveforms are shown in Fig.5.
Sense Comparator
The sense comparator compares an input signal with an internal voltage reference of typical 1.23V.The use of an
external voltage divider makes this comparator flexible in th application.
It can be used to supervise the input voltage either before or after the protection diode and to give additional
informations to the microprocessor like low voltage warnings.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com