Electronic Components Datasheet Search
  English  ▼

X  

M59PW064 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M59PW064
Description  64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW064 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M59PW064 Datasheet HTML 3Page - STMicroelectronics M59PW064 Datasheet HTML 4Page - STMicroelectronics M59PW064 Datasheet HTML 5Page - STMicroelectronics M59PW064 Datasheet HTML 6Page - STMicroelectronics M59PW064 Datasheet HTML 7Page - STMicroelectronics M59PW064 Datasheet HTML 8Page - STMicroelectronics M59PW064 Datasheet HTML 9Page - STMicroelectronics M59PW064 Datasheet HTML 10Page - STMicroelectronics M59PW064 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
M59PW064
SIGNAL DESCRIPTIONS
See
Figure
2., Logic
Diagram,
and
Table
1., Signal Names, for a brief overview of the sig-
nals connected to this device.
Address Inputs (A0-A21). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the Program Controller.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations they represent the command
sent to the Command Interface of the Program
Controller. When reading the Status Register they
report the status of the ongoing algorithm.
Data Inputs/Outputs (DQ8-DQ15). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations the Command Register does not
use these bits. When reading the Status Register
these bits should be ignored.
Chip Enable (E). The Chip Enable, E, activates
the memory, allowing Bus Read operations to be
performed. It also controls the Bus Write opera-
tions, when VPP is in the VHH range.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operations of the memory. It
also allows Bus Write operations, when VPP is in
the VHH range.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for Read operations.
A 0.1µF capacitor should be connected between
the VCC Supply Voltage pin and the VSS Ground
pin to decouple the current surges from the power
supply. The PCB track widths must be sufficient to
carry the currents required during program opera-
tions, ICC3.
VPP Program Supply Voltage. VPP is both a
power supply and Write Protect pin. The two func-
tions are selected by the voltage range applied to
the pin.
When the VPP is in the VHH range (see Table
10., DC Characteristics, for the relevant values)
the Program/Erase operation is enabled. During
such operations the VPP must be stable in the VHH
range.
If the VPP is kept under the VHH range, particularly
in the voltage range 0V to 3.6V, any Program/
Erase operation is disabled or stopped.
Note that VPP must not be left floating or uncon-
nected as the device may become unreliable.
VSS Ground. The VSS Ground is the reference for
all voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com