Electronic Components Datasheet Search
  English  ▼

X  

M59PW064 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M59PW064
Description  64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW064 Datasheet(HTML) 1 Page - STMicroelectronics

  M59PW064 Datasheet HTML 1Page - STMicroelectronics M59PW064 Datasheet HTML 2Page - STMicroelectronics M59PW064 Datasheet HTML 3Page - STMicroelectronics M59PW064 Datasheet HTML 4Page - STMicroelectronics M59PW064 Datasheet HTML 5Page - STMicroelectronics M59PW064 Datasheet HTML 6Page - STMicroelectronics M59PW064 Datasheet HTML 7Page - STMicroelectronics M59PW064 Datasheet HTML 8Page - STMicroelectronics M59PW064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
March 2005
M59PW064
64 Mbit (4Mb x16, Uniform Block)
3V Supply LightFlash™ Memory
FEATURES SUMMARY
■
MASK-ROM PIN-OUT COMPATIBLE
■
SUPPLY VOLTAGE
–VCC= 2.7 to 3.6V for Read
–VPP = 11.4 to 12.6V for Program
■
ACCESS TIME
–
90ns at VCC = 3.0 to 3.6V
–
100, 110ns at VCC = 2.7 to 3.6V
■
PROGRAMMING TIME
–
9µs per Word typical
–
Multiple Word Programming Option
(8s typical Chip Program)
■
SUITABLE FOR ON-BOARD
PROGRAMMING
■
ERASE TIME
–
41s typical Chip Erase
■
UNIFORM BLOCKS
–
32 blocks of 2 Mbits
■
PROGRAM/ERASE CONTROLLER
–
Embedded Word Program algorithms
■
10,000 PROGRAM/ERASE CYCLES per
BLOCK
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 0020h
–
Device Code : 88AAh
Figure 1. Packages
SO44 (M)
TSOP48 (N)
12 x 20mm


Similar Part No. - M59PW064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59PW1282 STMICROELECTRONICS-M59PW1282 Datasheet
414Kb / 24P
128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
20-Nov-2003
M59PW1282-100M1T STMICROELECTRONICS-M59PW1282-100M1T Datasheet
414Kb / 24P
128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
20-Nov-2003
M59PW1282-120M1T STMICROELECTRONICS-M59PW1282-120M1T Datasheet
414Kb / 24P
128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
20-Nov-2003
M59PW1282100M1T STMICROELECTRONICS-M59PW1282100M1T Datasheet
414Kb / 24P
128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
20-Nov-2003
M59PW1282120M1T STMICROELECTRONICS-M59PW1282120M1T Datasheet
414Kb / 24P
128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
20-Nov-2003
More results

Similar Description - M59PW064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
31-Oct-2001
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29KW016E STMICROELECTRONICS-M29KW016E Datasheet
261Kb / 31P
16 Mbit (1Mb x16, Uniform Block) 3V Supply LightFlash Memory
23-Jul-2002
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M29KW064E STMICROELECTRONICS-M29KW064E Datasheet
233Kb / 30P
64 Mbit 4Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com