Electronic Components Datasheet Search
  English  ▼

X  

M59PW064 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M59PW064
Description  64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW064 Datasheet(HTML) 4 Page - STMicroelectronics

  M59PW064 Datasheet HTML 1Page - STMicroelectronics M59PW064 Datasheet HTML 2Page - STMicroelectronics M59PW064 Datasheet HTML 3Page - STMicroelectronics M59PW064 Datasheet HTML 4Page - STMicroelectronics M59PW064 Datasheet HTML 5Page - STMicroelectronics M59PW064 Datasheet HTML 6Page - STMicroelectronics M59PW064 Datasheet HTML 7Page - STMicroelectronics M59PW064 Datasheet HTML 8Page - STMicroelectronics M59PW064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
M59PW064
4/24
SUMMARY DESCRIPTION
The M59PW064 is a 64Mbit (4Mbx16), Mask-
ROM pin-out compatible, non-volatile LightFlash
memory,
that
can
be
read,
erased
and
reprogrammed.
Read
operations
can
be
performed using a single low voltage (2.7 to 3.6V)
supply. Program and Erase operations require an
additional VPP (11.4 to 12.6V) power supply. On
power-up the memory defaults to its Read mode
where it can be read in the same way as a ROM or
EPROM.
The memory is divided into 32 uniform blocks that
can be erased independently so it is possible to
preserve valid data while old data is erased (see
Table 2., Block Addresses). Program and Erase
commands are written to the Command Interface
of the memory. An on-chip Program/Erase Con-
troller (P/E.C.) simplifies the process of program-
ming or erasing the memory by taking care of all of
the special operations that are required to update
the memory contents.
The M59PW064 features an innovative command,
Multiple Word Program, that is used to program
large streams of data. It greatly reduces the total
programming time when a large number of Words
are written to the memory at any one time. Using
this command the entire memory can be pro-
grammed in 8s, compared to 36s using the stan-
dard Word Program.
The end of a program or erase operation can be
detected and any error conditions identified. The
command set required to control the memory is
consistent with JEDEC standards.
Chip Enable and Output Enable signals control the
bus operation of the memory. They allow simple
connection to most microprocessors, often without
additional logic.
The memory is offered in SO44 and TSOP48 (12
x 20mm) packages. The memory is supplied with
all the bits set to ’1’).
Figure 2. Logic Diagram
Table 1. Signal Names
AI07230
22
A0-A21
DQ0-DQ15
VCC
M59PW064
E
VSS
16
G
VPP
A0-A21
Address Inputs
DQ0-DQ15
Data Inputs/Outputs
E
Chip Enable
G
Output Enable
VCC
Supply Voltage read
VPP
Supply Voltage program erase
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com