Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1687 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDMP-1687
Description  Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1687 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDMP-1687 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Figure 5a. Receiver section timing (dual receive clocks).
Timing Characteristics for Gigabit Ethernet – Receiver Section
T = 0
°C Ambient to +85°C Case, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
f_lock
Frequency Lock at Powerup
µs
500
b_sync[1,2]
Bit Sync Time
bits
2500
trxsetup
RX [0:3][0:9] Output Setup Time (Data Valid Before Clock)
ns
2.5
trxhold
RX [0:3][0:9] Output Hold Time (Data Valid After Clock)
ns
2.0
Tduty
RC [0:3][0] and RC [0:3][1] Duty Cycle
%
40
60
tA-B
Rising Edge Time Difference between RBC0 and RBC1 (Half Rate) ns
7.5
8.5
t_rxlat[3]
Receiver Latency
ns
20.7
bits
26.0
Notes:
1. This is the recovery time for input phase jumps, per the Fibre Channel Specification X3.230-1994 FC-PH Standard, Sec 5.3.
2. Tested using CPLL = 0.1 µF.
3. The receiver latency, as shown in Figure 6, is defined as the time between receiving the first serial bit of a parallel data word (defined as the
edge of the first serial bit) and the clocking out of that parallel word (defined by the rising edge of the receive byte clock, RC[0:1]).
DATA
DATA
RX [0:3] [0:9]
trxsetup
trxhold
RC [0:3] [1]
DATA
DATA
1.4 V
2.0 V
0.8 V
SYNC
RC [0:3] [0]
tA-B
2.0 V
0.8 V
1.4 V
K28.5+
Timing Characteristics for Fibre Channel – Receiver Section
T = 0
°C Ambient to +85°C Case, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
f_lock
Frequency Lock at Powerup
µs
500
b_sync[1,2]
Bit Sync Time
bits
2500
trxsetup
RX [0:3][0:9] Output Setup Time (Data Valid Before Clock)
ns
3.0
trxhold
RX [0:3][0:9] Output Hold Time (Data Valid After Clock)
ns
1.5
Tduty
RC [0:3][0] and RC [0:3][1] Duty Cycle
%
40
60
tA-B
Rising Edge Time Difference between RBC0 and RBC1 (Half Rate) ns
8.9
9.9
t_rxlat[3]
Receiver Latency
ns
22.4
bits
28.0
Notes:
1. This is the recovery time for input phase jumps, per the Fibre Channel Specification X3.230-1994 FC-PH Standard, Sec 5.3.
2. Tested using CPLL = 0.1 µF.
3. The receiver latency, as shown in Figure 6, is defined as the time between receiving the first serial bit of a parallel data word (defined as the
edge of the first serial bit) and the clocking out of that parallel word (defined by the rising edge of the receive byte clock, RC[0:1]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com