Electronic Components Datasheet Search
  English  ▼

X  

HDMP-1687 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDMP-1687
Description  Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1687 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1687 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Transceiver Reference Clock Requirements
T = 0
°C Ambient to +85°C Case, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
f
Nominal Frequency (for Gigabit Ethernet Compliance)
MHz
125
f
Nominal Frequency (for Fibre Channel Compliance)
MHz
106.25
Ftol
Frequency Tolerance
ppm
–100
+100
Symm
Symmetry (Duty Cycle)
%
40
60
TTL I/O DC Electrical Specifications
TA = 0°C Ambient to +85°C Case, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
VIH,TTL
TTL Input High Voltage Level,
V
2
5.5
Guaranteed High Signal for All Inputs
VIL,TTL
TTL Input Low Voltage Level,
V
0
0.8
Guaranteed Low Signal for All Inputs
VOH,TTL
TTL Output High Voltage Level, IOH = –400 µA
V
2.2
VCC
VOL,TTL
TTL Output Low Voltage Level, IOL = 1 mA
V
0
0.5
IIH,TTL
Input High Current, VIN = 2.4 V, VCC = 3.45 V
µA40
IIL,TTL
Input Low Current, VIN = 0.4 V, VCC = 3.45 V
µA
–600
ICC,TRx
Transceiver VCC Supply Current, TA = 25°C
mA
800
AC Electrical Specifications (TRx)
TA = 0°C Ambient to +85°C Case, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
tr,TCi
RFCT Rise Time, 0.8 to 2.0 Volts
ns
0.2
2.4
tf,TCi
RFCT Fall Time, 2.0 to 0.8 Volts
ns
0.2
2.4
tr,TTLin
Input TTL Rise Time, 0.8 to 2.0 Volts
ns
1.0
tf,TTLin
Input TTL Fall Time, 2.0 to 0.8 Volts
ns
1.0
tr,TTLout
Output TTL Rise Time, 0.8 to 2.0 Volts, 10 pF Load
ns
1.5
2.4
tf,TTLout
Output TTL Fall Time, 2.0 to 0.8 Volts, 10 pF Load
ns
1.1
2.4
trs, HS_OUT
HS_OUT Single-Ended SO [0:3]
± Rise Time
ps
200
300
tfs, HS_OUT
HS_OUT Single-Ended SO [0:3]
± Fall Time
ps
200
300
trd, HS_OUT
HS_OUT Differential Rise Time
ps
200
300
tfd, HS_OUT
HS_OUT Differential Fall Time
ps
200
300
VIP,HS_IN
HS_IN Input Peak-To-Peak Differential Voltage
mV
200
1200
2000
VOP,HS_OUT[1]
HS_OUT Output Pk-Pk Diff. Voltage (Z0=50 Ohms, Fig.10) mV
1000
1300
1800
Note:
1. Output Peak-to-Peak Differential Voltage specified as SO [0:3]+ minus SO [0:3]–. The output will be 25% higher when terminating into 75
Ω loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com