Electronic Components Datasheet Search
  English  ▼

X  

RTH010 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RTH010
Description  9GHz Bandwidth 1GS/s Dual Track-and-Hold
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTH010 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RTH010 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RTH010 DATA SHEET REV F
The product specifications contained in this data sheet are subject to change. Rockwell Scientific Company reserves the right to make changes to its product
specifications at any time without notice. The information furnished herein is believed to be accurate; however, no responsibility is assumed for its use.
Page
5
If the underlying voltage noise mechanism of the
sampling jitter has a white spectrum, the
sampled signal will display a white noise floor as
well. In this case, the required aperture jitter,
∆t,
to achieve a certain SNR, for a full-scale
sinewave at frequency, f, is given by (B. Razavi,
Principles of Data Conversion, IEEE Press,
1995, Appendix 2.1):
)
2
log(
20
)
(
t
f
dB
SNR
∆
−
=
π
If this TH is used in front of an n-bit ADC, then
the ideal ADC SNDR is given by:
In order that the TH jitter performance not limit
the ADC performance, the jitter must fulfill:
Note that this is independent of the sampling
rate, so undersampling does not improve jitter
tolerance. The averaging that is often combined
with undersampling in test equipment, does
improve jitter tolerance (and tolerance to other
white noise effects).
The criterion above is sharper than the standard
(incorrect) time-domain slope estimate by a
factor
√6. The reason is that n-bit quantization
requires an rms error of (quantization step)/
√12,
which is considerably smaller than the
quantization step error implicitly allowed in the
usual time-domain estimates (another
√2 comes
from the energy of a sinewave relative to its
amplitude squared).
The time-domain maximum slope argument can
be appropriate for non-sinusoidal inputs, such as
those encountered in instrumentation. If the rms
error,
∆V, in the maximum slope region, slope
FSR/(rise time), is used to define an effective
number of bits, n, then the jitter simply needs to
fulfill:
n
time
rise
t
2
≤
∆
Clock Jitter. The standard deviation of the
instants of the mid-point of the relevant (rising or
falling) edge of the clock source relative to the
ideal instants (best fit). This jitter can be derived
from the phase noise of the clock source, where
the lower frequency bound of integration should
correspond to the duration of a measurement
record that the source will be used for.
Full Scale Range (FSR). The maximum
difference between the highest and lowest input
levels for which various device performance
specifications hold, unless otherwise noted.
Gain. Ratio of output signal magnitude to input
signal magnitude. For sinewave inputs, it is the
ratio of the amplitude of the first (main) harmonic
output (HD1) to the amplitude of the input.
Input Bandwidth (BW, bw). The input
frequency at which the gain for sinewave inputs
is reduced by 3 dB (factor 1/
√2) relative to its
average value at low frequencies. The low
frequency range is defined as the range
including DC over which the gain stays
essentially constant. The high frequency range
is characterized by an increase in gain variation
versus frequency, at least including the eventual
monotonic decrease of the gain (“roll-off”). The
input bandwidth tends to be input amplitude
dependent. It is normally largest for very small
inputs (small signal bandwidth, bw) and smallest
for FSR inputs (large signal bandwidth, BW).
Settling Time (ts). The delay between the time
that a track-and-hold circuit (TH) enters hold
mode and the time that the TH hold capacitor
nodes settle to within some specified precision.
The settling time sets a lower limit on the
required hold time during clocked operation.
Spectrum. The finite Fourier transform (FFT) of
the discrete-time-sampled TH output. Ideally,
this is obtained with a very high-resolution ADC
quantizing the TH output with a clock rate locked
to the TH clock (the ADC may be clocked at a
slower rate than the TH). In the case of a dual
TH (DTH), we can also use the beat frequency
test, where the input frequency is close to an
integer multiple of the clock frequency, and the
DTH output is fed directly into a spectrum
analyzer. The DTH output then contains little
high frequency energy and the low frequency
part of the spectrum analyzer sweep accurately
.
2
6
1
f
t
n
π
≤
∆
n
n
dB
SNDR
02
.
6
76
.
1
)
2
log(
20
)
2
/
3
log(
10
)
(
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com