Electronic Components Datasheet Search
  English  ▼

X  

RTH010 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RTH010
Description  9GHz Bandwidth 1GS/s Dual Track-and-Hold
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTH010 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RTH010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTH010 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RTH010 DATA SHEET REV F
The product specifications contained in this data sheet are subject to change. Rockwell Scientific Company reserves the right to make changes to its product
specifications at any time without notice. The information furnished herein is believed to be accurate; however, no responsibility is assumed for its use.
Page
7
Theory of Operation
The DTH chip contains two TH’s, TH1 and TH2,
in series, together with clock shaping circuitry,
BUFFER1 and BUFFER2, and a 50-ohm output
driver, OUTBUF (Figure 1). To maximize
dynamic range and insensitivity to noise, all non-
DC internal circuits and all non-DC inputs and
outputs are differential. TH1 determines the
dynamic sampled-mode performance of the
DTH. Its sampling bridges exploit the ultra-high
speed of the Schottky diodes available in the
GaAs HBT process. TH1 clock inputs, CLK1 and
CLK1B, should be driven by a low-jitter clock
source. TH2 is similar to TH1, except that its
bandwidth requirement is lower and its gain is
closer to unity.
The DTH receives a differential analog input
signal at inputs INP and INN, which is sampled
on the TH1 hold capacitors upon a falling
transition of its differential clock voltage V(CLK1)
– V(CLK1B), after an aperture delay, ta, see
Figure 2. TH1’s aperture delay is positive,
nominally 60 ps.
The sampling instant is affected by clock source
jitter (off-chip) and aperture jitter (caused by on-
chip noise). From the Definition of Terms, the
required total sampling jitter for sampling a 1-
GHz 1-Vpp sine wave with 10-bit accuracy is
127 fs. The aperture jitter of the RTH010 is less
than 100 fs for a 1-GHz 0.5-Vpp TH1 clock,
CLK1(B). Using rms addition of jitter, the clock
source jitter must be less than 80 fs (over the
measurement record time) for direct 10-bit
sampling of GHz range signals. Given a noise
variance,
∆V, of the on-chip clock buffer, its
aperture jitter,
∆t, is inversely proportional to the
clock buffer gain and the slew rate of the
incoming clock at the zero-crossing point:
rate
slew
gain
V
t
×
∆
=
∆
For low slew rates or frequencies, the clock
buffer gain is constant and its aperture jitter is
inversely proportional to the input clock slew
rate, improving with increasing slew rate. For
high slew rates or high frequencies, the jitter
increases again, because the buffer gain drops
steeply. For the RTH010, the clock buffer gain is
still roughly constant up to 1 GHz, so that the
aperture jitter is inversely proportional with the
slew rate of the incoming clock. In the above
equation, we have
∆V/gain ≈ 0.15 mV. The
RTH010 aperture jitter at various slew rates can
then be estimated. For example, a 1-GHz 0.5-
Vpp sinusoidal CLK1(B) signal corresponds to a
slew rate ~ 1.6 V/ns, correctly yielding an
aperture jitter < 100 fs.
The held and buffered output of TH1, VTH1, is
sampled on the TH2 hold capacitors upon a
falling transition of its differential clock voltage
V(CLK2) – V(CLK2B), after an aperture delay
closely equal to that of TH1. This allows simple
out-of-phase clocking of TH1 and TH2 by having
opposite phases for CLK1(B) and CLK2(B).
Aperture jitter of TH2 is irrelevant, since the slew
rate of the TH2 input is equal to the TH1
differential droop rate, about 1000x lower than
the input slew rate for TH1 for a 1-GHz 1-Vpp
sine wave. TH2 can be in track mode before
TH1 switches to hold, but a minimum track time
of TH2 after TH1 enters hold mode must be
observed to ensure that TH2 has fully acquired
the TH1 output (ttrack2,min).
Hold mode feedthrough, or in-to-out hold-mode
gain in dB, again is important for TH1 and not for
TH2, since any distortion on the held TH1 signal
by a rapidly varying TH1 input will be sampled
by TH2, and can not be removed. RTH010’s
TH1 hold mode feedthrough performance is
more than sufficient for 10-bit sampling of GHz
range signals.
After a TH1 postamplifier, TH2 produces an
output VTH2. For out-of-phase clocking, the
delay from the hold instant of TH1 to the ideal
sampling time of circuitry after TH2 is close to
one full clock cycle, for example 1 ns at a 1-GHz
sampling rate. The TH2 output is flat for more
than half a clock cycle, which eases the
bandwidth requirement of subsequent circuitry.
This is true, even though a small glitch will be
present at the transition from track to hold of



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com