Electronic Components Datasheet Search
  English  ▼

X  

SIL4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SIL4
Description  SIP SERIES REED RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIL4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SIL4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 4Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 5Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 6Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SIP SERIES REED RELAYS
SPECIFICATIONS
SIL4 DSS4 MVS4 MSS4
Mercury-Wetted Reed Relays
All parameters at 25
°C unless otherwise stated.
MVS4
High Power/Reliability
Position-Sensitive(3)
Hg-Wetted
MSS4
Non-Position-Sensitive
Hg-Wetted
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Contact Ratings
Switching Voltage
Max DC/PeakAC Resistive
V
L
-
-
1000(1)
-
-
500
Volts
Switching Current
Max DC/PeakAC Resistive
I
L
-
-
2
-
-
2
Amps
Carry Current
Max DC/PeakAC Resistive
I
C
-
-
3
-
-
3
Amps
Contact Rating
Max DC/PeakAC Resistive
-
-
-
50(4)
-
-
50
Watts
Life Expectancy
Signal Level 1.0V 10mA
-
-
1000
-
-
200
-
x106 Ops
50V, 1A
-
-
2
-
-
-
-
x106 Ops
500V, 100mA
-
-
50
-
-
-
-
x106 Ops
Rated Loads(2)
-
-
7
-
-
7
-
x106 Ops
Static Contact Resistance
50mV, 10mA
CR
-
-
100
-
-
100
m
Ω
Contact Material
-
-
Hg
-
-
Hg
-
Hg Content
-
-
40
-
-
16
-
mgram
Relay Specifications
Insulation Resistance
Between all isolated pins
IR
1010
1012
-108
1010
-
Ω
at 100V, 25
°C, 40% RH
Capacitance
Across Open Contacts
-
-
0.8
-
-
-
2
pF
Upper Contact to Coil
-
-
2.2
-
-
-
4
pF
Closed Contact to Coil
-
-
3.3
-
-
-
-
pF
Dielectric Strength
Between Contacts
I/O
2000
-
-
2000
-
-
VDC/Peak AC
Contacts to Coil
I/O
2500
-
-
1400
-
-
VDC/Peak AC
Operate Time,
At Nominal Coil Voltage
T
OP
-
-
2.5
-
-
1.75
ms
no bounce
10Hz Square Wave
Release Time
Zener-Diode Suppression
T
REL
-
-
2.5
-
-
1.5
ms
Environmental Ratings
Storage Temperature
T
A
-40
-
+105
-40
-
+105
°C
Operating Temperature
T
O
-38
-
+85
-38
-
+75
°C
Soldering Temperature
Applied to pins,10 sec. max.
-
-
+260
-
-
+260
°C
Vibration Resistance
10Hz - 500Hz
G
-
-
10
-
-
10
Gs
(Survival)
Shock Resistance
11
±1ms, 1/
2 Sine Wave
S
-
-
30
-
-
30
Gs
(Survival)
Weight
-
-
2.2
-
-
2.4
-
grams
(1) Current limited up to 5mA, typical 20 million operations; for further life information, consult factory.
(2) Refer to MH4 (MVS4) & MYAD (MSS4) life graphs.
(3) Vertical mounting required. Pin #1 is up.
(4) Derate to 5 watts when switching voltages >500V.
SRC
DEVICES
SRC
DEVICES
3
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com