Electronic Components Datasheet Search
  English  ▼

X  

SIL4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SIL4
Description  SIP SERIES REED RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIL4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SIL4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 4Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 5Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 6Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SIP SERIES REED RELAYS
PERFORMANCE GRAPHS
Coil Input Power (mW)
50
40
30
20
10
0
025
75
50
200
100
125
150
175
SIL4/DSS4
Relay Temperature Rise vs. Coil Power
(5V)
MVS4
Relay Temperature Rise vs. Coil Power
(1-Form-A 5V)
Coil Input Power (mW)
100
80
60
40
20
0
0
75 150 225 300 375 450 525 600 675 750
Relay Internal Temperature Rise vs. Power
SIL4/DSS4
Rated Load: 5VA
Number of Operations (x10
6)
0.1
99.9
1.0
0.1
0.2
0.3
0.5
10.0
2.0
3.0
5.0
20.0
30.0
50.0
2
1
0
-1
-2
-3
-4
-5
-6
-7
1.0
10.0
100.0
48V-100mA Load
0.935 x 10
6 ops 90% Survival
2.576 x 10
6 ops MTBF
10V-500mA Load
4.064 x 10
6 ops 90% Survival
12.838 x 10
6 ops MTBF
SIL4/DSS4
Rated Load: 10VA
Number of Operations (x10
6)
0.1
99.9
1.0
0.1
0.2
0.3
0.5
10.0
2.0
3.0
5.0
20.0
30.0
50.0
2
1
0
-1
-2
-3
-4
-5
-6
-7
1.0
10.0
100.0
20V-500mA Load
1.290 x 10
6 ops 90% Survival
5.978 x 10
6 ops MTBF
50V-200mA Load
0.317 x 10
6 ops 90% Survival
0.671 x 10
6 ops MTBF
100V-100mA Load
0.763 x 10
6 ops 90% Survival
3.919 x 10
6 ops MTBF
MVS Series
Rated Load: 50VA-20Hz
Number of Operations (x10
6)
0.1
99.9
1.0
0.1
0.2
0.3
0.5
10.0
2.0
3.0
5.0
20.0
30.0
50.0
2
1
0
-1
-2
-3
-4
-5
-6
-7
1.0
10.0
100.0
50V-1A Load
3.897 x 10
6 ops 90% Survival
15.520 x 10
6 Ops MTBF
SRC
DEVICES
SRC
5
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422
DSS4 MVS4 MSS4
SIL4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com