Electronic Components Datasheet Search
  English  ▼

X  

SIL4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SIL4
Description  SIP SERIES REED RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIL4 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SIL4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 4Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 5Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 6Page - List of Unclassifed Manufacturers SIL4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SIP SERIES REED RELAYS
ORDERING INFORMATION
SIL4 DSS4 MVS4 MSS4
If relays are inserted in close proximity, the pickup and dropout voltages will be affected by the magnetic flux
produced when the coils are energized.
In general, worst-case magnetic interaction conditions for pull-in voltage in a matrix exist when all relay fields
have the same polarity and all of the fields are from adjacent relays (See figure).
The direction of the parameter shift is determined by whether the stray flux aids or bucks the flux produced by the
coil of the relay under consideration.
To calculate the change in pull-in voltage and dropout voltage, multiply the percent change shown by the relay’s
nominal voltage. For example, if the percent change in pull-in voltage is 14% for a 5V nominal relay, the pull-in
voltage will increase by 0.7 volts.
XXXX XX XX X
A complete part number is represented by the digits below.
Series
SIL4
DSS4
Contact Form
1A = 1-Form-A (Normally open)
1B = 1-Form-B (Normally closed)
Blank = No diode
B = Diode option
(SIL4 & DSS4)
Coil voltage
03 = 3V (SIL4)
05 = 5V
12 = 12V
24 = 24V
SIL4/DSS4
Magnetic Interference
xx
Distance Between Centers of Adjacent Relays
(x, in inches)
Adjacent Relays
Relay under test
1. Nominal
voltage is applied
to the adjacent relays.
2. The % increase of pull-in
and drop out of the relay under test is measured
and compared with the values without any
magnetic influence of adjacent relays.
20.0%
15.0%
10.0%
5.0%
0.0%
0.1
0.7
0.2
0.3
0.4
0.5
0.6
MVS4/MSS4
Magnetic Interference
Distance Between Centers of Adjacent Relays
(in inches)
10.0%
7.5%
5.0%
2.5%
0.0%
0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7
xx
Adjacent Relays
Relay under test
1. Nominal
voltage is applied
to the adjacent relays.
2. The % increase of pull-in
and drop out of the relay under test is measured
and compared with the values without any
magnetic influence of adjacent relays.
MAGNETIC INTERFERENCE
SRC
DEVICES
SRC
DEVICES
7
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com