Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 372Page - Renesas Technology Corp HD64F2145 Datasheet HTML 373Page - Renesas Technology Corp HD64F2145 Datasheet HTML 374Page - Renesas Technology Corp HD64F2145 Datasheet HTML 375Page - Renesas Technology Corp HD64F2145 Datasheet HTML 376Page - Renesas Technology Corp HD64F2145 Datasheet HTML 377Page - Renesas Technology Corp HD64F2145 Datasheet HTML 378Page - Renesas Technology Corp HD64F2145 Datasheet HTML 379Page - Renesas Technology Corp HD64F2145 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 829 page
background image
Rev. 2.0, 08/02, page 336 of 788
14.6
Usage Notes
14.6.1
Notes on Register Access
The watchdog timer’s registers, TCNT and TCSR differ from other registers in being more
difficult to write to. The procedures for writing to and reading from these registers are given
below.
Writing to TCNT and TCSR (Example of WDT_0): These registers must be written to by a
word transfer instruction. They cannot be written to by a byte transfer instruction.
TCNT and TCSR both have the same write address. Therefore, satisfy the relative condition
shown in figure 14.6 to write to TCNT or TCSR. To write to TCNT, the upper bytes must contain
the value H’5A and the lower bytes must contain the write data before the transfer instruction
execution. To write to TCSR, the upper bytes must contain the value H’A5 and the lower bytes
must contain the write data.
<TCNT write>
<TCSR write>
Address : H'FFA8
Address : H'FFA8
H'5A
Write data
15
8 7
0
0
H'A5
Write data
15
8 7
0
0
Figure 14.6 Writing to TCNT and TCSR (WDT_0)
Reading from TCNT and TCSR (Example of WDT_0): These registers are read in the same
way as other registers. The read address is H'FFA8 for TCSR and H'FFA9 for TCNT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com