Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 368Page - Renesas Technology Corp HD64F2145 Datasheet HTML 369Page - Renesas Technology Corp HD64F2145 Datasheet HTML 370Page - Renesas Technology Corp HD64F2145 Datasheet HTML 371Page - Renesas Technology Corp HD64F2145 Datasheet HTML 372Page - Renesas Technology Corp HD64F2145 Datasheet HTML 373Page - Renesas Technology Corp HD64F2145 Datasheet HTML 374Page - Renesas Technology Corp HD64F2145 Datasheet HTML 375Page - Renesas Technology Corp HD64F2145 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 829 page
background image
Rev. 2.0, 08/02, page 332 of 788
14.4
Operation
14.4.1
Watchdog Timer Mode
To use the WDT as a watchdog timer, set the WT/
,7 bit and the TME bit in TCSR to 1. While the
WDT is used as a watchdog timer, if TCNT overflows without being rewritten because of a
system malfunction or another error, an internal reset or NMI interrupt request is generated. TCNT
does not overflow while the system is operating normally. Software must prevent TCNT
overflows by rewriting the TCNT value (normally be writing H'00) before overflows occurs.
If the RST/
10, bit of TCSR is set to 1, when the TCNT overflows, an internal reset signal for this
LSI is issued for 518 system clocks, and the low level signal is simultaneously output from the
5(62 pin for 132 states, as shown in figure 14.2. If the RST/10, bit is cleared to 0, when the
TCNT overflows, an NMI interrupt request is generated. Here, the output from the
5(62 pin
remains high.
An internal reset request from the watchdog timer and a reset input from the
5(6 pin are
processed in the same vector. Reset source can be identified by the XRST bit status in SYSCR. If
a reset caused by a signal input to the
5(6 pin occurs at the same time as a reset caused by a WDT
overflow, the
5(6 pin reset has priority and the XRST bit in SYSCR is set to 1.
An NMI interrupt request from the watchdog timer and an interrupt request from the NMI pin are
processed in the same vector. Do not handle an NMI interrupt request from the watchdog timer
and an interrupt request from the NMI pin at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com