Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 364Page - Renesas Technology Corp HD64F2145 Datasheet HTML 365Page - Renesas Technology Corp HD64F2145 Datasheet HTML 366Page - Renesas Technology Corp HD64F2145 Datasheet HTML 367Page - Renesas Technology Corp HD64F2145 Datasheet HTML 368Page - Renesas Technology Corp HD64F2145 Datasheet HTML 369Page - Renesas Technology Corp HD64F2145 Datasheet HTML 370Page - Renesas Technology Corp HD64F2145 Datasheet HTML 371Page - Renesas Technology Corp HD64F2145 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 829 page
background image
Rev. 2.0, 08/02, page 328 of 788
14.3.2
Timer Control/Status Register (TCSR)
TCSR selects the clock source to be input to TCNT, and the timer mode.
• TCSR_0
Bit
Bit Name
Initial
Value
R/W
Description
7OVF
0
R/(W)*
1
Overflow Flag
Indicates that TCNT has overflowed (changes from H’FF
to H’00).
[Setting condition]
When TCNT overflows (changes from H’FF to H’00)
However, when internal reset request generation is
selected in watchdog timer mode, OVF is cleared
automatically by the internal reset.
[Clearing conditions]
• When TCSR is read when OVF = 1*2, then 0 is
written to OVF
• When 0 is written to TME
6WT/
,7
0
R/W
Timer Mode Select
Selects whether the WDT is used as a watchdog timer or
interval timer.
0: Interval timer mode
1: Watchdog timer mode
5
TME
0
R/W
Timer Enable
When this bit is set to 1, TCNT starts counting.
When this bit is cleared, TCNT stops counting and is
initialized to H'00.
4—
0
R/(W)
Reserved
The initial value should not be modified.
3
RST/
10, 0
R/W
Reset or NMI
Selects to request an internal reset or an NMI interrupt
when TCNT has overflowed.
0: An NMI interrupt is requested
1: An internal reset is requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com