Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 361Page - Renesas Technology Corp HD64F2145 Datasheet HTML 362Page - Renesas Technology Corp HD64F2145 Datasheet HTML 363Page - Renesas Technology Corp HD64F2145 Datasheet HTML 364Page - Renesas Technology Corp HD64F2145 Datasheet HTML 365Page - Renesas Technology Corp HD64F2145 Datasheet HTML 366Page - Renesas Technology Corp HD64F2145 Datasheet HTML 367Page - Renesas Technology Corp HD64F2145 Datasheet HTML 368Page - Renesas Technology Corp HD64F2145 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 829 page
background image
Rev. 2.0, 08/02, page 325 of 788
Section 14 Watchdog Timer (WDT)
This LSI incorporates two watchdog timer channels (WDT_0 and WDT_1). The watchdog timer
can generate an internal reset signal or an internal NMI interrupt signal if a system crash prevents
the CPU from writing to the timer counter, thus allowing it to overflow. Simultaneously, it can
output an overflow signal (
5(62) externally.
When this watchdog function is not needed, the WDT can be used as an interval timer. In interval
timer operation, an interval timer interrupt is generated each time the counter overflows. A block
diagram of the WDT_0 and WDT_1 is shown in figure 14.1.
14.1
Features
• Selectable from eight (WDT_0) or 16 (WDT_1) counter input clocks.
• Switchable between watchdog timer mode and interval timer mode
Watchdog Timer Mode:
• If the counter overflows, an internal reset or an internal NMI interrupt is generated.
• When the LSI is selected to be internally reset at counter overflow, a low level signal is output
from the
5(62 pin if the counter overflows.
Internal Timer Mode:
• If the counter overflows, an internal timer interrupt (WOVI) is generated.
WDT0102A_010020020700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com