Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 363Page - Renesas Technology Corp HD64F2145 Datasheet HTML 364Page - Renesas Technology Corp HD64F2145 Datasheet HTML 365Page - Renesas Technology Corp HD64F2145 Datasheet HTML 366Page - Renesas Technology Corp HD64F2145 Datasheet HTML 367Page - Renesas Technology Corp HD64F2145 Datasheet HTML 368Page - Renesas Technology Corp HD64F2145 Datasheet HTML 369Page - Renesas Technology Corp HD64F2145 Datasheet HTML 370Page - Renesas Technology Corp HD64F2145 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 829 page
background image
Rev. 2.0, 08/02, page 327 of 788
14.2
Input/Output Pins
The WDT has the pins listed in table 14.1.
Table 14.1
Pin Configuration
Name
Symbol
I/O
Function
Reset output pin
5(62
Output
Outputs the counter overflow signal in
watchdog timer mode
External sub-clock
input pin
EXCL
Input
Inputs the clock pulses to the WDT_1
prescaler counter
14.3
Register Descriptions
The WDT has the following registers. To prevent accidental overwriting, TCSR and TCNT have
to be written to in a method different from normal registers. For details, refer to section 14.6.1,
Notes on Register Access. For details on the system control register, refer to section 3.2.2, System
Control Register (SYSCR).
• Timer counter (TCNT)
• Timer control/status register (TCSR)
14.3.1
Timer Counter (TCNT)
TCNT is an 8-bit readable/writable up-counter.
TCNT is initialized to H'00 when the TME bit in the timer control/status register (TCSR) is
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com