Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 385Page - Renesas Technology Corp HD64F2145 Datasheet HTML 386Page - Renesas Technology Corp HD64F2145 Datasheet HTML 387Page - Renesas Technology Corp HD64F2145 Datasheet HTML 388Page - Renesas Technology Corp HD64F2145 Datasheet HTML 389Page - Renesas Technology Corp HD64F2145 Datasheet HTML 390Page - Renesas Technology Corp HD64F2145 Datasheet HTML 391Page - Renesas Technology Corp HD64F2145 Datasheet HTML 392Page - Renesas Technology Corp HD64F2145 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 829 page
background image
Rev. 2.0, 08/02, page 349 of 788
15.3.8
Serial Interface Mode Register (SCMR)
SCMR selects SCI functions and its format.
Bit
Bit Name
Initial Value
R/W
Description
7 to
4
—
All 1
R
Reserved
These bits are always read as 1 and cannot be
modified.
3
SDIR
0
R/W
Data Transfer Direction
Selects the serial/parallel conversion format.
0: TDR contents are transmitted with LSB-first.
Receive data is stored as LSB first in RDR.
1: TDR contents are transmitted with MSB-first.
Receive data is stored as MSB first in RDR.
The SDIR bit is valid only when the 8-bit data
format is used for transmission/reception; when
the 7-bit data format is used, data is always
transmitted/received with LSB-first.
2
SINV
0
R/W
Data Invert
Specifies inversion of the data logic level. The
SINV bit does not affect the logic level of the parity
bit. When the parity bit is inverted, invert the O/
(
bit in SMR.
0: TDR contents are transmitted as they are.
Receive data is stored as it is in RDR.
1: TDR contents are inverted before being
transmitted. Receive data is stored in inverted
form in RDR.
1—
1
R
Reserved
This bit is always read as 1 and cannot be
modified.
0
SMIF
0
R/W
Serial Communication Interface Mode Select:
0: Normal asynchronous or clocked synchronous
mode
1: Reserved mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com