Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 419Page - Renesas Technology Corp HD64F2145 Datasheet HTML 420Page - Renesas Technology Corp HD64F2145 Datasheet HTML 421Page - Renesas Technology Corp HD64F2145 Datasheet HTML 422Page - Renesas Technology Corp HD64F2145 Datasheet HTML 423Page - Renesas Technology Corp HD64F2145 Datasheet HTML 424Page - Renesas Technology Corp HD64F2145 Datasheet HTML 425Page - Renesas Technology Corp HD64F2145 Datasheet HTML 426Page - Renesas Technology Corp HD64F2145 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 829 page
background image
Rev. 2.0, 08/02, page 383 of 788
Transmission: During transmission, the output signals from the SCI (UART frames) are
converted to IR frames using the IrDA interface (see figure 15.22).
For serial data of level 0, a high-level pulse having a width of 3/16 of the bit rate (1-bit interval) is
output (initial setting). The high-level pulse can be selected using the IrCKS2 to IrCKS0 bits in
KBCOMP.
The high-level pulse width is defined to be 1.41
µs at minimum and (3/16 + 2.5%) × bit rate or
(3/16
× bit rate) + 1.08 µs at maximum. For example, when the frequency of system clock ø is 20
MHz, a high-level pulse width of at least 1.4 µs to 1.6 µs can be specified.
For serial data of level 1, no pulses are output.
IR frame
Data
00
0
0
0
11
1
1
1
Transmission
Reception
Bit
cycle
Pulse width is 1.6 s to
3/16 bit cycle
Stop
bit
Start
bit
UART frame
Data
000
0
0
11
1
1
1
Start
bit
Stop
bit
Figure 15.22 IrDA Transmission and Reception
Reception: During reception, IR frames are converted to UART frames using the IrDA interface
before inputting to SCI_2.
Data of level 0 is output each time a high-level pulse is detected and data of level 1 is output when
no pulse is detected in a bit cycle. If a pulse has a high-level width of less than 1.41
µs, the
minimum width allowed, the pulse is recognized as level 0.
High-Level Pulse Width Selection: Table 15.10 shows possible settings for bits IrCKS2 to
IrCKS0 (minimum pulse width), and this LSI's operating frequencies and bit rates, for making the
pulse width shorter than 3/16 times the bit rate in transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com