Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 427 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 423Page - Renesas Technology Corp HD64F2145 Datasheet HTML 424Page - Renesas Technology Corp HD64F2145 Datasheet HTML 425Page - Renesas Technology Corp HD64F2145 Datasheet HTML 426Page - Renesas Technology Corp HD64F2145 Datasheet HTML 427Page - Renesas Technology Corp HD64F2145 Datasheet HTML 428Page - Renesas Technology Corp HD64F2145 Datasheet HTML 429Page - Renesas Technology Corp HD64F2145 Datasheet HTML 430Page - Renesas Technology Corp HD64F2145 Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 829 page
background image
Rev. 2.0, 08/02, page 387 of 788
15.9.6
Restrictions on Using DTC
When an external clock source is used as a synchronization clock, update TDR by the DTC or
RFU and wait for at least five ø clock cycles before allowing the transmit clock to be input. If the
transmit clock is input within four clock cycles after TDR modification, the SCI may malfunction
(figure 15.23).
When using the DTC to read RDR, be sure to set the receive end interrupt source (RXI) as a DTC
activation source.
t
D0
LSB
Serial data
SCK
D1
D3
D4
D5
D2
D6
D7
Note:* When external clock is supplied, t must be more than four clock cycles.
TDRE
Figure 15.23 Example of Transmission using DTC in Clocked Synchronous Mode
15.9.7
SCI Operations during Mode Transitions
Transmission: Before making a transition to module stop, software standby, or sub-sleep mode,
stop all transmit operations (TE = TIE = TEIE = 0). TSR, TDR, and SSR are reset. The states of
the output pins during each mode depend on the port settings, and the pins output a high-level
signal after mode cancellation. If a transition is made during data transmission, the data being
transmitted will be undefined.
To transmit data in the same transmission mode after mode cancellation, set TE to 1, read SSR,
write to TDR, clear TDRE in this order, and then start transmission. To transmit data in a
different transmission mode, initialize the SCI first.
Figure 15.24 shows a sample flowchart for mode transition during transmission. Figures 15.25
and 15.26 show the pin states during transmission.
Before making a transition from the transmission mode using DTC transfer to module stop,
software standby, or sub-sleep mode, stop all transmit operations (TE = TIE = TEIE = 0). Setting
TE and TIE to 1 after mode cancellation generates a TXI interrupt request to start transmission
using the DTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com