Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 427Page - Renesas Technology Corp HD64F2145 Datasheet HTML 428Page - Renesas Technology Corp HD64F2145 Datasheet HTML 429Page - Renesas Technology Corp HD64F2145 Datasheet HTML 430Page - Renesas Technology Corp HD64F2145 Datasheet HTML 431Page - Renesas Technology Corp HD64F2145 Datasheet HTML 432Page - Renesas Technology Corp HD64F2145 Datasheet HTML 433Page - Renesas Technology Corp HD64F2145 Datasheet HTML 434Page - Renesas Technology Corp HD64F2145 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 829 page
background image
Rev. 2.0, 08/02, page 391 of 788
15.9.8
Notes on Switching from SCK Pins to Port Pins
When SCK pins are switched to port pins after transmission has completed, pins are enabled for
port output after outputting a low pulse of half a cycle as shown in figure 15.28.
SCK/Port
CKE0
CKE1
C/
TE
Data
1. Transmission end
2. TE = 0
3. C/
= 0
4. Low pulse output
Bit 6
Bit 7
Low pulse of half a cycle
Figure 15.28 Switching from SCK Pins to Port Pins
To prevent the low pulse output that is generated when switching the SCK pins to the port pins,
specify the SCK pins for input (pull up the SCK/port pins externally), and follow the procedure
below with DDR = 1, DR = 1, C/
$ = 1, CKE1 = 0, CKE1 = 0, and TE = 1.
1. End serial data transmission
2. TE bit = 0
3. CKE1 bit = 1
4. C/
$ bit = 0 (switch to port output)
5. CKE1 bit = 0
SCK/Port
CKE0
CKE1
C/
TE
Data
1. Transmission end
2. TE = 0
4. C/
= 0
3. CKE1 = 1
5. CKE1 = 0
Bit 6
Bit 7
High output
Figure 15.29 Prevention of Low Pulse Output at Switching from SCK Pins to Port Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com