| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 433 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 433 Page - Renesas Technology Corp |
|
433 / 829 page ![]() Rev. 2.0, 08/02, page 393 of 788 Section 16 I 2C Bus Interface (IIC) (Optional) The I 2C bus interface is provided as an optional function. Note the following point when using this optional function. • Although the product type name is identical, please contact Hitachi before using this optional function on an F-ZTAT version product. This LSI has a two-channel I 2C bus interface. The I2C bus interface conforms to and provides a subset of the Philips I 2C bus (inter-IC bus) interface functions. The register configuration that controls the I 2C bus differs partly from the Philips configuration, however. 16.1 Features • Selection of addressing format or non-addressing format I2C bus format: addressing format with an acknowledge bit, for master/slave operation Clocked synchronous serial format: non-addressing format without an acknowledge bit, for master operation only Formatless (for IIC_0 only): non-addressing format with a clock pin dedicated for formatless; for slave operation only • Conforms to Philips I2C bus interface (I2C bus format) • Two ways of setting slave address (I2C bus format) • Start and stop conditions generated automatically in master mode (I2C bus format) • Selection of the acknowledge output level in reception (I2C bus format) • Automatic loading of an acknowledge bit in transmission (I2C bus format) • Wait function in master mode (I2C bus format) A wait can be inserted by driving the SCL pin low after data transfer, excluding acknowledgement. The wait can be cleared by clearing the interrupt flag. • Wait function (I2C bus format) A wait request can be generated by driving the SCL pin low after data transfer. The wait request is cleared when the next transfer becomes possible. • Interrupt sources Data transfer end (including when a transition to transmit mode with I2C bus format occurs, when ICDR data is transferred, or during a wait state) Address match: When any slave address matches or the general call address is received in slave receive mode with I 2C bus format (including address reception after loss of master arbitration) Start condition detection (in master mode) Stop condition detection (in slave mode) IFIIC60A_000020020700 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |