Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 425Page - Renesas Technology Corp HD64F2145 Datasheet HTML 426Page - Renesas Technology Corp HD64F2145 Datasheet HTML 427Page - Renesas Technology Corp HD64F2145 Datasheet HTML 428Page - Renesas Technology Corp HD64F2145 Datasheet HTML 429Page - Renesas Technology Corp HD64F2145 Datasheet HTML 430Page - Renesas Technology Corp HD64F2145 Datasheet HTML 431Page - Renesas Technology Corp HD64F2145 Datasheet HTML 432Page - Renesas Technology Corp HD64F2145 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 829 page
background image
Rev. 2.0, 08/02, page 389 of 788
TE bit
SCK
output pin
TxD
output pin
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Figure 15.25 Pin States during Transmission in Asynchronous Mode (Internal Clock)
TE bit
SCK
output pin
TxD
output pin
Port input/output
Port
input/output
Port
input/output
High output*
Marking output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Last TxD bit retained
Note:* Initialized in software standby mode
Figure 15.26 Pin States during Transmission in Clocked Synchronous Mode
(Internal Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com