Electronic Components Datasheet Search
  English  ▼

X  

ICS950703 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS950703
Description  PROGRAMMABLE TIMING CONTROL HUB FOR P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950703 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS950703 Datasheet HTML 1Page - Integrated Circuit Systems ICS950703 Datasheet HTML 2Page - Integrated Circuit Systems ICS950703 Datasheet HTML 3Page - Integrated Circuit Systems ICS950703 Datasheet HTML 4Page - Integrated Circuit Systems ICS950703 Datasheet HTML 5Page - Integrated Circuit Systems ICS950703 Datasheet HTML 6Page - Integrated Circuit Systems ICS950703 Datasheet HTML 7Page - Integrated Circuit Systems ICS950703 Datasheet HTML 8Page - Integrated Circuit Systems ICS950703 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS950703
0690D—05/14/04
Pin Description (Continued)
PIN
PIN
PIN
#
NAME
TYPE
29
VDD3V66
PWR Power pin for the 3V66 clocks.
30
3V66_0
OUT 3.3V 66.66MHz clock output
31
3V66_1
OUT 3.3V 66.66MHz clock output
32
GND3V66
PWR Ground pin for the AGP outputs
33
GND3V66
PWR Ground pin for the AGP outputs
34
3V66_2
OUT 3.3V 66.66MHz clock output
35
3V66_3
OUT 3.3V 66.66MHz clock output
36
VDD3V66
PWR Power pin for the 3V66 clocks.
37
GND
PWR Ground pin.
38
AVDD
PWR 3.3V Analog Power pin for Core PLL
39
IREF
OUT
This pin establishes the reference current for the differential current-mode output pairs. This
pin requires a fixed precision resistor tied to ground in order to establish the appropriate
current. 475 ohms is the standard value.
40
GNDCPU
PWR Ground pin for the CPU outputs
41
CPUCLKC0
OUT
Complimentary clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
42
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode outputs. External
resistors are required for voltage bias.
43
VDDCPU
PWR Supply for CPU clocks, 3.3V nominal
44
CPUCLKC1
OUT
Complimentary clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
45
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode outputs. External
resistors are required for voltage bias.
46
GNDCPU
PWR Ground pin for the CPU outputs
47
CPUCLKC2
OUT
Complimentary clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
48
CPUCLKT2
OUT
True clock of differential pair CPU outputs. These are current mode outputs. External
resistors are required for voltage bias.
49
VDDCPU
PWR Supply for CPU clocks, 3.3V nominal
50
CPUCLKC3
OUT
Complimentary clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
51
CPUCLKT3
OUT
True clock of differential pair CPU outputs. These are current mode outputs. External
resistors are required for voltage bias.
52
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
53
GNDMREF
PWR Ground pin for the 3VMREF outputs.
54
3VMREF_B
OUT 3V reference output to memory clock driver (180 degree out of phase with 3VMREF)
55
3VMREF
OUT 3V reference output to memory clock driver
56
VDDMREF
PWR Power supply for 3VMREF clocks, nominal 3.3V
* Internal Pull-Up Resistor ** Internal Pull-Down Resistor ~ This output has 2X drive
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com