Electronic Components Datasheet Search
  English  ▼

X  

ICS950703 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950703
Description  PROGRAMMABLE TIMING CONTROL HUB FOR P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950703 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950703 Datasheet HTML 1Page - Integrated Circuit Systems ICS950703 Datasheet HTML 2Page - Integrated Circuit Systems ICS950703 Datasheet HTML 3Page - Integrated Circuit Systems ICS950703 Datasheet HTML 4Page - Integrated Circuit Systems ICS950703 Datasheet HTML 5Page - Integrated Circuit Systems ICS950703 Datasheet HTML 6Page - Integrated Circuit Systems ICS950703 Datasheet HTML 7Page - Integrated Circuit Systems ICS950703 Datasheet HTML 8Page - Integrated Circuit Systems ICS950703 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Integrated
Circuit
Systems, Inc.
ICS950703
0690D—05/14/04
Recommended Application:
Intel Tehema and Tehema-E Chipsets
Output Features:
•
4 Differential CPU Clock Pairs @ 3.3V
•
2 - 3V MREF clocks for memory reference seeds,
(separate single ended but 180 degrees out of phase)
•
4 - 66MHz 3V66 output
•
10 - 3V 33MHz PCI clocks
•
2 - 48MHz clocks (180 degrees out of phase)
•
2 - 14.318 reference output (180 degrees out of phase)
Key Specifications:
•
3V66 Output jitter <300ps
•
CPU Output Jitter <200ps
•
MREF Output jitter <250ps
Programmable Timing Control HubTM for P4TM
Features/Benefits:
•
QuadRom
TM frequency selection.
•
Programmable asynchronous 3V66/PCI frequency.
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz reference input.
Frequency Table
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
MREF
PCI
3V66
Sel133/100
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
0
0
0
0
0
90.00
45.00
30.00
60.00
0
0
0
0
1
100.00
50.00
33.33
66.67
0
0
0
1
0
100.90
50.45
33.63
67.27
0
0
0
1
1
103.00
51.50
34.33
68.67
0
010
0
105.00
52.50
35.00
70.00
0
0
1
0
1
108.00
54.00
36.00
72.00
0
0
1
1
0
110.00
55.00
36.67
73.33
0
0
1
1
1
112.00
56.00
37.33
74.67
0
1
0
0
0
115.00
57.50
38.33
76.67
0
1
0
0
1
118.00
59.00
39.33
78.67
0
1
0
1
0
120.00
60.00
40.00
80.00
0
1
0
1
1
122.00
61.00
40.67
81.33
0
1
1
0
0
125.00
62.50
41.67
83.33
0
1
1
0
1
127.00
63.50
42.33
84.67
0
1
1
1
0
130.00
65.00
43.33
86.67
0
1
1
1
1
133.60
66.80
44.53
89.07
1
000
0
120.00
60.00
30.00
60.00
1
000
1
133.33
66.67
33.33
66.67
1
0
0
1
0
133.90
66.95
33.48
66.95
1
001
1
136.00
68.00
34.00
68.00
1
010
0
138.00
69.00
34.50
69.00
1
010
1
140.00
70.00
35.00
70.00
1
011
0
142.00
71.00
35.50
71.00
1
011
1
144.00
72.00
36.00
72.00
1
100
0
145.00
72.50
36.25
72.50
1
1
0
0
1
148.00
74.00
37.00
74.00
1
1
0
1
0
150.00
75.00
37.50
75.00
1
1
0
1
1
152.00
76.00
38.00
76.00
1
1
1
0
0
154.00
77.00
38.50
77.00
1
1
1
0
1
156.00
78.00
39.00
78.00
1
1
1
1
0
158.00
79.00
39.50
79.00
1
111
1
160.00
80.00
40.00
80.00
GND 1
56 VDDMREF
MULTSEL0/REF0 2
55 3VMREF
MULTSEL1/REF1 3
54 3VMREF_B
VDDREF
4
53 GNDMREF
X1 5
52 SCLK
X2 6
51 CPUCLKT3
GNDREF
7
50 CPUCLKC3
PCICLK0 8
49 VDDCPU
PCICLK1 9
48 CPUCLKT2
VDDPCI 10
47 CPUCLKC2
PCICLK2 11
46 GNDCPU
PCICLK3 12
45 CPUCLKT1
GNDPCI 13
44 CPUCLKC1
PCICLK4 14
43 VDDCPU
PCICLK5 15
42 CPUCLKT0
VDDPCI 16
41 CPUCLKC0
PCICLK6 17
40 GNDCPU
**FS2/PCICLK7 18
39 IREF
GNDPCI 19
38 AVDD
**FS3/PCICLK8 20
37 GND
**SEL100_133#/PCICLK9 21
36 VDD3V66
VDDPCI 22
35 3V66_3
SDATA 23
34 3V66_2
GND48 24
33 GND3V66
*FS0/48MHz_0 25
32 GND3V66
**FS1/48MHz_1 26
31 3V66_1
AVDD48 27
30 3V66_0
PD# 28
29 VDD3V66
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
Pin Configuration
56-SSOP


Similar Part No. - ICS950703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
ICS950104YFT ICST-ICS950104YFT Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
logo
Integrated Circuit Syst...
ICS950201FLF-T ICST-ICS950201FLF-T Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
More results

Similar Description - ICS950703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950211 ICST-ICS950211 Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com