Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7944
Description  3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices AD7944 Datasheet HTML 10Page - Analog Devices AD7944 Datasheet HTML 11Page - Analog Devices AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices AD7944 Datasheet HTML 15Page - Analog Devices AD7944 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD7940
Rev. 0 | Page 12 of 20
ADC TRANSFER FUNCTION
The output coding of the AD7940 is straight binary. The de-
signed code transitions occur at successive integer LSB values,
i.e., 1 LSB, 2 LSBs. The LSB size is VDD/16384. The ideal transfer
characteristic for the AD7940 is shown in Figure 14.
000...000
111...111
1 LSB = VDD/16384
1 LSB
+VDD–1 LSB
ANALOG INPUT
0V
000...001
000...010
111...110
111...000
011...111
Figure 14. AD7940 Transfer Characteristic
TYPICAL CONNECTION DIAGRAM
Figure 15 shows a typical connection diagram for the AD7940.
VREF is taken internally from VDD and as such should be well
decoupled. This provides an analog input range of 0 V to VDD.
The conversion result is output in a 16-bit word. This 16-bit
data stream consists of two leading zeros, followed by the 14 bits
of conversion data, MSB first. For applications where power
consumption is a concern, the power-down mode should be
used between conversions or bursts of several conversions to
improve power performance (see the Modes of Operation
section).
In fact, because the supply current required by the AD7940 is so
low, a precision reference can be used as the supply source to
the AD7940. For example, a REF19x voltage reference (REF195
for 5 V or REF193 for 3 V) or an AD780 can be used to supply
the required voltage to the ADC (see Figure 15). This configura-
tion is especially useful if the power supply available is quite
noisy, or if the system supply voltages are at some value other
than the required operating voltage of the AD7940, e.g., 15 V.
The REF19x or AD780 will output a steady voltage to the
AD7940. Recommended decoupling capacitors are a 100 nF low
ESR ceramic (Farnell 335-1816) and a 10 µF low ESR tantalum
(Farnell 197-130).
AD7940
0V TO VDD
INPUT
VIN
SCLK
SDATA
SERIAL
INTERFACE
µC/µP
CS
VDD
GND
10
µF
TANT
0.1
µF
3V
10
µF
0.1
µF
5V
SUPPLY
REF193
Figure 15. Typical Connection Diagram
Digital Inputs
The digital inputs applied to the AD7940 are not limited by the
maximum ratings that limit the analog inputs. Instead, the digi-
tal inputs applied can go to 7 V and are not restricted by the
VDD + 0.3 V limit as on the analog inputs. For example, if the
AD7940 were operated with a VDD of 3 V, 5 V logic levels could
be used on the digital inputs. However, it is important to note
that the data output on SDATA will still have 3 V logic levels
when VDD = 3 V.
Another advantage of SCLK and CS not being restricted by the
VDD + 0.3 V limit is the fact that power supply sequencing issues
are avoided. If one of these digital inputs is applied before VDD,
there is no risk of latch-up as there would be on the analog
inputs if a signal greater than 0.3 V were applied prior to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com