Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7944
Description  3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices AD7944 Datasheet HTML 15Page - Analog Devices AD7944 Datasheet HTML 16Page - Analog Devices AD7944 Datasheet HTML 17Page - Analog Devices AD7944 Datasheet HTML 18Page - Analog Devices AD7944 Datasheet HTML 19Page - Analog Devices AD7944 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD7940
Rev. 0 | Page 18 of 20
For example, if the ADSP-2189 had a 20 MHz crystal, such that
it had a master clock frequency of 40 MHz, the master cycle
time would be 25 ns. If the SCLKDIV register is loaded with the
value 7, then a SCLK of 2.5 MHz is obtained, and 16 master
clock periods will elapse for every 1 SCLK period. Depending
on the throughput rate selected, if the timer register was loaded
with the value 803 (803 + 1 = 804), then 50.25 SCLKs will occur
between interrupts and subsequently between transmit instruc-
tions. This situation will result in nonequidistant sampling since the
transmit instruction is occurring on a SCLK edge. If the number of
SCLKs between interrupts is a whole integer figure of N, then equi-
distant sampling will be implemented by the DSP.
AD7940 TO DSP563xx
The connection diagram in Figure 23 shows how the AD7940
can be connected to the ESSI (synchronous serial interface) of
the DSP-563xx family of DSPs from Motorola. Each ESSI (two
on board) is operated in synchronous mode (SYN bit in CRB =
1) with internally generated 1-bit clock period frame sync for
both Tx and Rx (Bits FSL1 = 0 and FSL0 = 0 in CRB). Normal
operation of the ESSI is selected by making MOD = 0 in the
CRB. Set the word length to 16 by setting bits WL1 = 1 and WL0
= 0 in CRA. The FSP bit in the CRB should be set to 1 so that
the frame sync is negative. It should be noted that for signal
processing applications, it is imperative that the frame synchro-
nization signal from the DSP-563xx provide equidistant
sampling.
In the example shown in Figure 23, the serial clock is taken from
the ESSI so the SCK0 pin must be set as an output, SCKD = 1.
SCLK
AD7940*
DOUT
CS
DSP-563xx*
SCK
*ADDITIONAL PINS OMITTED FOR CLARITY
SRD
STD
Figure 23. Interfacing to the DSP-563xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com