Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7944
Description  3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices AD7944 Datasheet HTML 15Page - Analog Devices AD7944 Datasheet HTML 16Page - Analog Devices AD7944 Datasheet HTML 17Page - Analog Devices AD7944 Datasheet HTML 18Page - Analog Devices AD7944 Datasheet HTML 19Page - Analog Devices AD7944 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7940
Rev. 0 | Page 16 of 20
SERIAL INTERFACE
Figure 20 shows the detailed timing diagram for serial interfac-
ing to the AD7940. The serial clock provides the conversion
clock and also controls the transfer of information from the
AD7940 during conversion.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track-and-hold into hold mode,
takes the bus out of three-state, and samples the analog input.
The conversion is also initiated at this point and will require at
least 16 SCLK cycles to complete. Once 15 SCLK falling edges
have elapsed, the track-and-hold will go back into track mode
on the next SCLK rising edge as shown in Figure 20 at Point B.
On the 16th SCLK falling edge, the SDATA line will go back
into three-state. If the rising edge of CS occurs before 16 SCLKs
have elapsed, the conversion will be terminated and the SDATA
line will go back into three-state; otherwise SDATA returns to
three-state on the 16th SCLK falling edge as shown in Figure 20.
Sixteen serial clock cycles are required to perform the conver-
sion process and to access data from the AD7940. CS going low
provides the first leading zero to be read in by the microcontroller
or DSP. The remaining data is then clocked out by subsequent
SCLK falling edges beginning with the second leading zero, thus
the first falling clock edge on the serial clock has the first leading
zero provided and also clocks out the second leading zero. The
data transfer will consist of two leading zeros followed by the 14
bits of data. The final bit in the data transfer is valid on the 16th
falling edge, having been clocked out on the previous (15th)
falling edge.
It is also possible to take valid data on each SCLK rising edge
rather than falling edge, since the SCLK cycle time is long
enough to ensure the data is ready on the rising edge of SCLK.
However, the first leading zero will still be driven by the CS
falling edge, and so it can be taken only on the first SCLK falling
edge. It may be ignored, and the first rising edge of SCLK after
the CS falling edge would have the second leading zero pro-
vided and the 15th rising SCLK edge would have DB0 provided.
This method may not work with most microcontrollers/DSPs, but
could possibly be used with FPGAs and ASICs.
t4
tCONVERT
2 LEADING ZEROS
3-STATE
3-STATE
B
SCLK
12
3
4
5
13
14
15
16
SDATA
0
ZERO
DB13
DB12
DB11
DB10
DB2
DB1
DB0
CS
t2
t3
t6
t7
t5
t8
tQUIET
Figure 20. AD7940 Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com