Electronic Components Datasheet Search
  English  ▼

X  

TMUX1122 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1122
Description  5-V, Low-Leakage-Current, 1:1 (SPST), 2-Channel Precision Switches
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1122 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1122 Datasheet HTML 12Page - Texas Instruments TMUX1122 Datasheet HTML 13Page - Texas Instruments TMUX1122 Datasheet HTML 14Page - Texas Instruments TMUX1122 Datasheet HTML 15Page - Texas Instruments TMUX1122 Datasheet HTML 16Page - Texas Instruments TMUX1122 Datasheet HTML 17Page - Texas Instruments TMUX1122 Datasheet HTML 18Page - Texas Instruments TMUX1122 Datasheet HTML 19Page - Texas Instruments TMUX1122 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
VDD
VDD
S1
GND
D1
VD
ID (OFF)
A
S2
D2
VD
ID (OFF)
A
VDD
VDD
D1
GND
S1
VS
IS (OFF)
A
D2
S2
VS
IS (OFF)
A
VS
VS
VD
VD
V
Dx
VS
ISD
Sx
16
TMUX1121, TMUX1122, TMUX1123
SCDS413 – AUGUST 2019
www.ti.com
Product Folder Links: TMUX1121 TMUX1122 TMUX1123
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Parameter Measurement Information
8.1 On-resistance
The on-resistance of a device is the ohmic resistance between the source (Sx) and drain (Dx) pins of the device.
The on-resistance varies with input voltage and supply voltage. The symbol RON is used to denote on-resistance.
The measurement setup used to measure RON is shown in Figure 16. Voltage (V) and current (ISD) are measured
using this setup, and RON is computed with RON = V / ISD:
Figure 16. On-Resistance measurement setup
8.2 Off-leakage current
There are two types of leakage currents associated with a switch during the off state:
1. Source off-leakage current
2. Drain off-leakage current
Source leakage current is defined as the leakage current flowing into or out of the source pin when the switch is
off. This current is denoted by the symbol IS(OFF).
Drain leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is off.
This current is denoted by the symbol ID(OFF).
The setup used to measure both off-leakage currents is shown in Figure 17.
Figure 17. Off-leakage measurement setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com