Electronic Components Datasheet Search
  English  ▼

X  

TMUX1122 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1122
Description  5-V, Low-Leakage-Current, 1:1 (SPST), 2-Channel Precision Switches
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1122 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1122 Datasheet HTML 1Page - Texas Instruments TMUX1122 Datasheet HTML 2Page - Texas Instruments TMUX1122 Datasheet HTML 3Page - Texas Instruments TMUX1122 Datasheet HTML 4Page - Texas Instruments TMUX1122 Datasheet HTML 5Page - Texas Instruments TMUX1122 Datasheet HTML 6Page - Texas Instruments TMUX1122 Datasheet HTML 7Page - Texas Instruments TMUX1122 Datasheet HTML 8Page - Texas Instruments TMUX1122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
TMUX1121, TMUX1122, TMUX1123
SCDS413 – AUGUST 2019
www.ti.com
Product Folder Links: TMUX1121 TMUX1122 TMUX1123
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics (VDD = 5 V ±10 %) ............ 5
7.6
Electrical Characteristics (VDD = 3.3 V ±10 %) ......... 7
7.7
Electrical Characteristics (VDD = 1.8 V ±10 %) ......... 9
7.8
Electrical Characteristics (VDD = 1.2 V ±10 %) ....... 11
7.9
Typical Characteristics ............................................ 13
8
Parameter Measurement Information ................ 16
8.1
On-resistance.......................................................... 16
8.2
Off-leakage current ................................................. 16
8.3
On-leakage current ................................................. 17
8.4
Transition time......................................................... 17
8.5
Break-before-make ................................................. 18
8.6
Charge injection ...................................................... 18
8.7
Off isolation ............................................................. 19
8.8
Channel-to-Channel Crosstalk ................................ 19
8.9
Bandwidth ............................................................... 20
9
Detailed Description ............................................ 21
9.1
Overview ................................................................. 21
9.2
Functional Block Diagram ....................................... 21
9.3
Feature Description................................................. 21
9.4
Device Functional Modes........................................ 23
9.5
Truth Tables ............................................................ 23
10
Application and Implementation........................ 24
10.1
Application Information.......................................... 24
10.2
Typical Application - Sample-and-Hold Circuit .... 24
10.3
Design Requirements............................................ 25
10.4
Detailed Design Procedure ................................... 25
10.5
Application Curve .................................................. 26
10.6
Typical Application - Switched Gain Amplifier ..... 26
10.7
Design Requirements............................................ 27
10.8
Detailed Design Procedure ................................... 27
10.9
Application Curve .................................................. 27
11
Power Supply Recommendations ..................... 28
12
Layout................................................................... 28
12.1
Layout Guidelines ................................................. 28
12.2
Layout Example .................................................... 29
13
Device and Documentation Support ................. 30
13.1
Documentation Support ........................................ 30
13.2
Related Links ........................................................ 30
13.3
Receiving Notification of Documentation Updates 30
13.4
Community Resources.......................................... 30
13.5
Trademarks ........................................................... 30
13.6
Electrostatic Discharge Caution ............................ 30
13.7
Glossary ................................................................ 30
14
Mechanical, Packaging, and Orderable
Information ........................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
August 2019
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com