Electronic Components Datasheet Search
  English  ▼

X  

TMUX1122 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1122
Description  5-V, Low-Leakage-Current, 1:1 (SPST), 2-Channel Precision Switches
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1122 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1122 Datasheet HTML 17Page - Texas Instruments TMUX1122 Datasheet HTML 18Page - Texas Instruments TMUX1122 Datasheet HTML 19Page - Texas Instruments TMUX1122 Datasheet HTML 20Page - Texas Instruments TMUX1122 Datasheet HTML 21Page - Texas Instruments TMUX1122 Datasheet HTML 22Page - Texas Instruments TMUX1122 Datasheet HTML 23Page - Texas Instruments TMUX1122 Datasheet HTML 24Page - Texas Instruments TMUX1122 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
S1
S2
SEL1
D1
D2
S1
S2
D1
D2
S1
S2
D1
D2
TMUX1121
TMUX1122
TMUX1123
SEL2
SEL1
SEL2
SEL1
SEL2
ALL S WIT CHES SHOWN F OR A LO GI C 0 INPUT
CHANNEL 1
CHANNEL 2
CHANNE L 1
CHANNEL 2
CHANNEL 1
CHANNEL 2
21
TMUX1121, TMUX1122, TMUX1123
www.ti.com
SCDS413 – AUGUST 2019
Product Folder Links: TMUX1121 TMUX1122 TMUX1123
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TMUX1121, TMUX1122, and TMUX1123 are 1:1 (SPST), 2-Channel switches. The devices have two
independently selectable single-pole, single-throw switches that are turned-on or turned-off based on the state of
the corresponding select pin.
9.2 Functional Block Diagram
Figure 25. TMUX112x Functional Block Diagram
9.3 Feature Description
9.3.1 Bidirectional operation
The TMUX112x conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
9.3.2 Rail to rail operation
The valid signal path input/output voltage for TMUX112x ranges from GND to VDD.
9.3.3 1.8 V Logic compatible inputs
The TMUX112x devices have 1.8-V logic compatible control for all logic control inputs. The logic input thresholds
scale with supply but still provide 1.8-V logic control when operating at 5.5 V supply voltage. 1.8-V logic level
inputs allows the TMUX112x devices to interface with processors that have lower logic I/O rails and eliminates
the need for an external translator, which saves both space and BOM cost. The current consumption of the
TMUX112x devices increase when using 1.8V logic with higher supply voltage as shown in Figure 10. For more
information on 1.8 V logic implementations refer to Simplifying Design with 1.8 V logic Muxes and Switches
9.3.4 Fail-safe logic
The TMUX112x supports Fail-Safe Logic on the control input pins (EN, A0, A1) allowing for operation up to 5.5
V, regardless of the state of the supply pin. This feature allows voltages on the control pins to be applied before
the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity by
removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the select pins of the TMUX112x to be ramped to 5.5 V while VDD = 0 V. Additionally, the feature
enables operation of the TMUX112x with VDD = 1.2 V while allowing the select pins to interface with a logic level
of another device up to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com