Electronic Components Datasheet Search
  English  ▼

X  

AS5874 Datasheet(PDF) 1 Page - UMPCO, Inc.

Part # AS5874
Description  CLAMP, LOOP TYPE, CUSHIONED SUPPORT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS5874 Datasheet(HTML) 1 Page - UMPCO, Inc.

  AS5874 Datasheet HTML 1Page - UMPCO, Inc. AS5874 Datasheet HTML 2Page - UMPCO, Inc. AS5874 Datasheet HTML 3Page - UMPCO, Inc. AS5874 Datasheet HTML 4Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
03/10/09
AS5874
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
CLAMP, LOOP TYPE, CUSHIONED SUPPORT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
.500 ±.010
2X R .375 ±.010
PART
IDENTIFICATION
(NOTE 10)
.65
(NOTE 8)
WEDGE
(NOTE 3)
.0625
±.0005
T
C
D Ø
(NOTE 1)
B
.09 R
E
(NOTE 2)
2X .228/.218
RATIONALE
THE LOOP CLAMPS DEFINED HEREIN ARE DESIGNED FOR NEW APPLICATIONS AND TO BE A DROP IN
REPLACEMENT OPTION FOR THE EQUIVALENT SIZE (DASH NUMBER) M85052/1 LOOP CLAMPS. THE
FLUOROSILICONE CUSHION MATERIAL DEFINED HEREIN PROVIDES A MORE ROBUST ABILITY TO
RESIST CRACKS IN THE CUSHION MATERIAL CAUSED BE THE EFFECTS OF OZONE/UV COMPARED TO
THE PERFORMANCE OF M85052/1
.09 R
TYP
.050
C - C
STIFFENING BEAD TO EXTEND TO
CLAMP CENTERLINE (NOTE 4)
R
Y (REF)
C
C
R .135/.115
J REF
(NOTE 9)
B
(CUSHION REMOVED)
.225 MIN
(TYP)
.060
+.020
-.000
(TYP)
.515
.050
A -A
(CUSHION ONLY)
98° REF.
.295
LOCKING FEATURE FOR CODE “L” ONLY.
(SEE NOTE 18)
CUSHION
(SEE NOTE 13)
(NON-LOCKING FEATURE CONFIGURATION SHOWN)
.218 ±.010


Similar Part No. - AS5874

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5850-CSDF-240 AMSCO-AS5850-CSDF-240 Datasheet
825Kb / 10P
16-Bit 256-Channel Low Noise Charge-to-Digital Converters
v1-00 2021-Apr-08
AS5850-CSDF-240 AMSCO-AS5850-CSDF-240 Datasheet
808Kb / 10P
16-Bit 256-Channel Low Noise Charge-to-Digital Converter
v2-00 2021-Apr-29
AS5850-CSDF-256 AMSCO-AS5850-CSDF-256 Datasheet
825Kb / 10P
16-Bit 256-Channel Low Noise Charge-to-Digital Converters
v1-00 2021-Apr-08
AS5850-CSDF-256 AMSCO-AS5850-CSDF-256 Datasheet
808Kb / 10P
16-Bit 256-Channel Low Noise Charge-to-Digital Converter
v2-00 2021-Apr-29
AS5850A AMSCO-AS5850A Datasheet
808Kb / 10P
16-Bit 256-Channel Low Noise Charge-to-Digital Converter
v2-00 2021-Apr-29
More results

Similar Description - AS5874

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
NAS1715 UMPCO-NAS1715 Datasheet
88Kb / 2P
CLAMP, LOOP CUSHIONED
AS21919 UMPCO-AS21919 Datasheet
536Kb / 4P
CLAMP, LOOP CUSHIONED
M85052-1 UMPCO-M85052-1 Datasheet
79Kb / 3P
CLAMP, LOOP, CUSHIONED
M85052-2 UMPCO-M85052-2 Datasheet
83Kb / 3P
CLAMP, LOOP, CUSHIONED
M85052-3 UMPCO-M85052-3 Datasheet
93Kb / 4P
CLAMP, LOOP, CUSHIONED
NAS1712 UMPCO-NAS1712 Datasheet
84Kb / 2P
CLAMP, LOOP CUSHIONED, RECTANGULAR
NAS1713 UMPCO-NAS1713 Datasheet
515Kb / 2P
CLAMP, LOOP-CUSHIONED CENTER MOUNTING
NAS1714 UMPCO-NAS1714 Datasheet
78Kb / 2P
CLAMP, LOOP CUSHIONED, ELONGATED
S230 UMPCO-S230 Datasheet
137Kb / 1P
CLAMP, LOOP, SUPPORT, CUSHIONED, 1/4" MOUNTING HOLE
S370 UMPCO-S370 Datasheet
135Kb / 1P
CLAMP, LOOP TYPE, SUPPORT, CUSHIONED FOR #8 OR #10 MOUNTING SCREW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com