Electronic Components Datasheet Search
  English  ▼

X  

AS5874 Datasheet(PDF) 3 Page - UMPCO, Inc.

Part # AS5874
Description  CLAMP, LOOP TYPE, CUSHIONED SUPPORT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS5874 Datasheet(HTML) 3 Page - UMPCO, Inc.

  AS5874 Datasheet HTML 1Page - UMPCO, Inc. AS5874 Datasheet HTML 2Page - UMPCO, Inc. AS5874 Datasheet HTML 3Page - UMPCO, Inc. AS5874 Datasheet HTML 4Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
03/10/09
AS5874
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
CLAMP, LOOP TYPE, CUSHIONED SUPPORT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
(1) DIP TEST: SAMPLES SHALL BE DIPPED IN P-D-680 SOLVENT AND ALLOWED TO DRY AT ROOM TEMPERATURE FOR 24 HOURS. THIS
PROCEDURE SHALL BE REPEATED 10 TIMES.
(2) TESTS SHALL BE IN CONDUCTED ACCORDANCE WITH ASTM D412 ON THE FABRIC REINFORCED CUSHION TEST SPECIMEN (1/2 INCH,
WIDE STRIPS CUT FROM ACTUAL CUSHIONS FROM FABRIC WEAVE AT 45 INCHES TO THE DIRECTION OF PULL). THE TENSILE STRENGTH
AND PERCENT ELONGATION SHALL BE MEASURED WHEN THE FABRIC REINFORCING MATERIAL BEGINS TO SEPARATE FROM THE
ELASTOMER. TENSILE STRENGTH WILL BE BASED ON OVERALL THICKNESS OF RUBBER AND FABRIC REINFORCING MATERIAL.
SPECIMEN FAILURES DUE TO FABRIC SEPARATION AT THE TEST FIXTURE JAWS SHALL BE DISREGARDED AND ANOTHER SAMPLE
TESTED.
(3) THE PERMISSIBLE VARIATION IN SPECIFIC GRAVITY DURING ACTUAL PRODUCTION FOR THAT VALUE ESTABLISHED IN FIRST ARTICLE
TESTS SHALL BE ±. 03.
(4)
TABULATED HARDNESS RANGE APPLICABLE TO THE AS RECEIVED, NON-SUPPORTED CONDITION. THE REQUIRED HARDNESS, RANGE
FOR THE AS MOLDED CONDITION IS 65 TO 80.
NOTES: UNLESS OTHER WISE SPECIFIED
1.
DIAMETER “D” IS THE NOMINAL DIAMETER FOR WHICH A CLAMP SIZE IS INTENDED FOR USE. DIAMETER “D” SHALL BE VERIFIED BY
THE “DIAMETRAL RETENTION” TEST PER MIL-C-85052.
2.
DIMENSION “E’ SHALL BE MEASURE WITH THE CLAMP INSTALLED ON A MANDREL OF “D” DIAMETER ±.001 AND A .0625 ±.005 SPACER
BETWEEN THE UPPER AND LOWER FEET.
3.
WEDGE SHALL BE REQUIRED ON –6 AND LARGER CLAMP CUSHIONS. THE WEDGE SHALL BE MOLDED AS AN INTEGRAL PART OF THE
CUSHION AND CONTOURED TO FIT “D” DIAMETER. WEDGE SHALL TOUCH LOWER/BASE PORTION OF CUSHION WHEN CLAMP IS
INSTALLED ON A MANDREL DEFINED IN PROCUREMENT SPECIFICATION AND WHEN THERE IS NO GAP BETWEEN BOTH FEET.
4.
STIFFENING BEAD SHALL BE REQUIRED ON SIZE –4 AND LARGER CLAMPS. SIZE –2 AND –3 CLAMPS USE A PLAIN JOGGLE ONLY. ALL
RADII ON THE STIFFENING BEAD SHALL BE SMOOTH AND BLENDED.
5.
SEE SAE AS5874 DRAWING.
6.
METAL BAND SHALL HAVE ALL BURRS, SHARP EDGES, AND SCALE REMOVED.
7.
DIMENSIONAL TOLERANCES AND SYMBOLS PER ANSI Y14.5M-1982.
8.
FIGURE IN PHANTOM SHOWS THE APPROXIMATE FREE STATE, I.E. THE “AS RECEIVED” POSITION/CONDITION OF THE CLAMP.
9.
REFERENCE DIMENSIONS “J” AND “Y” APPLY TO FEATURES INTENDED TO PROVIDE MAXIMUM SUPPORT FOR THE LOWER FOOT BY
CLOSELY FITTING THE UPPER FOOT BEND RADIUS TO THE STIFFENING BEAD RADIUS WHEN CLOSED AGAINST EACH OTHER.
10.
EXCEPT FOR CLAMP BAND SIZES –2, -3 AND –4 SHALL BE THE COMPLETE VENDOR’S DESIGNATION AND MANUFACTURER’S NAME
(“UMP” IS ACCEPTABLE OPTION FOR UMPCO) OR TRADEMARK OR CAGE CODE. IDENTIFICATION SHALL BE IMPRESSION STAMPED ON
THE BAND IN AN AREA NOT COVERED BY THE CUSHION. ALL IDENTIFICATION SHALL BE LOCATED ABOVE THE TUBE/PAYLOAD
THEORETICAL CENTERLINE.
11.
PROPERTY MEASUREMENTS SHALL BE PERFORMED IMMEDIATELY AFTER REMOVAL FROM THE IMMERSION BATH.
12.
IN ADDITION TO ADHERING TO THE APPLICABLE MATERIAL SPECIFICATIONS DEFINED HEREIN FOR THE CLAMP CUSHIONS AND CLAMP
BANDS, THE CLAMP ASSEMBLIES (BAND AND INSTALLED CUSHION) ARE QUALIFIED BY PERFORMANCE AND SHALL HAVE
SUCCESSFULLY COMPLETED THE PERFORMANCE TESTING REQUIREMENTS LISTED BELOW. THE MOLDED CUSHION MATERIAL SHALL
SUCCESSFULLY COMPLETE THE FLUID COMPATIBILITY TESTING DEFINED WITHIN TABLE 2, PHYSICAL PROPERTIES.
DIAMETRAL RETENTION PER MIL-C-85052.
COMPRESSION SET PER MIL-C-85052, AIR AGE AT 212°F, NOT TO EXCEED FOR AVERAGE OF 3 SPECIMENS.
VIBRATION AND TRANSMISSIBILITY PER MIL-C-85052.
HORIZONTAL BURN TEST PER FAR 25.853 (b-3)
SPECIMEN/SLAB: APPROXIMATELY 3.00 (W) X 5.00 (L)
MAXIMUM BURN RATE: 2.5 INCHES PER MINUTE.
RETENTION OF QUALIFICATION REQUIRES THAT EACH APPROVED VENDOR IN CONJUNCTION WITH THE CUSHION MOLDER PERFORM
THE ABOVE DEFINED VIBRATION TESTING AND THE FLUID COMPATIBILITY TESTING DEFINED IN TABLE 2 NO LESS THAN ONCE EVERY
(6) YEARS FROM THE COMPLETION DATE OF THE INITIAL TESTING.
UNLESS OTHERWISE SPECIFIED, RESULTS ARE AN AVERAGE OF 5 SPECIMENS.
TOLERANCE ON TEMPERATURE IS ±5°F.
FLUID COMPATABLITY
TEST
TEST
REQUIRED
FUEL
HYDRAULIC
DIP TEST (1)
METHOD
ORIGINAL
IMMERSION
IMMERSION
MIL-DTL-5624 JP-4
MIL-H-5606
168 HOURS AT 100°F
70 HOURS AT 156°F
(SEE NOTE 11)
(SEE NOTE 11)
HARDNESS, DUROMETER "A"
ASTM D 2240
55 TO 65 (4)
65 TO 75
60 TO 75
65 TO 80
TENSILE STRENGTH-PSI
ASTM D 412 (2)
720 MIN
640 MIN
610 MIN
680 MIN
ELONGATION -%
ASTM D 412 (2)
155 MIN
155 MIN
170 MIN
120 MIN
TEAR STRENGTH-PPI
ASTM D 624, DIE B
240 MIN
250 MIN
235 MIN
230 MIN
SPECIFIC GRAVITY
ASTM D 471
AS MEASURED (3)
-
-
-
VOLUME CHANGE-%
ASTM D 471
1. AFTER CONDITIONING
-
+15% MAX
+10% MAX
±5% MAX
2. AFTER 24 HOURS AIR DRY
-
+5% MAX
+5% MAX
+5% MAX
TABLE 2 - PHYSICAL PROPERTIES
ALLOWABLE CHANGE FROM ACTUAL ORIGINAL PROPERTIES AFTER:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com