Electronic Components Datasheet Search
  English  ▼

X  

AS5874 Datasheet(PDF) 2 Page - UMPCO, Inc.

Part # AS5874
Description  CLAMP, LOOP TYPE, CUSHIONED SUPPORT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS5874 Datasheet(HTML) 2 Page - UMPCO, Inc.

  AS5874 Datasheet HTML 1Page - UMPCO, Inc. AS5874 Datasheet HTML 2Page - UMPCO, Inc. AS5874 Datasheet HTML 3Page - UMPCO, Inc. AS5874 Datasheet HTML 4Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
03/10/09
AS5874
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
CLAMP, LOOP TYPE, CUSHIONED SUPPORT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
EXAMPLE OF APPROVED NUMBER CALLOUT:
BASIC NO.
C
OD
E
J
R
T
Y
AS5874
(NOTE 1)
±.032
RADIUS
TOLERANCE
SIZE CODE
(NOTE 2)
±.010
PER AMS 2242
ASXXXXF2( )
0.192
0.125
0.468
-
ASXXXXF3( )
0.224
0.188
0.499
-
ASXXXXF4( )
0.255
0.250
0.530
ASXXXXF5( )
0.286
0.312
0.561
ASXXXXF6( )
0.318
0.375
0.592
ASXXXXF7( )
0.349
0.438
0.624
ASXXXXF8( )
0.380
0.500
0.655
ASXXXXF9( )
0.423
0.563
0.741
ASXXXXF10( )
0.454
0.625
0.772
ASXXXXF11( )
0.486
0.688
0.804
ASXXXXF12( )
0.517
0.750
0.835
ASXXXXF13( )
0.548
0.813
0.866
ASXXXXF14( )
0.580
0.875
0.898
ASXXXXF15( )
0.611
0.938
0.929
ASXXXXF16( )
0.642
1.000
0.960
ASXXXXF17( )
0.681
1.063
1.001
ASXXXXF18( )
0.712
1.125
1.032
ASXXXXF19( )
0.744
1.188
1.064
ASXXXXF20( )
0.775
1.250
1.095
ASXXXXF21( )
0.806
1.313
1.126
ASXXXXF22( )
0.838
1.375
1.158
ASXXXXF23( )
0.869
1.438
1.189
ASXXXXF24( )
0.900
1.500
1.220
ASXXXXF32( )
1.150
2.000
1.470
TABLE 1
0.020
0.032
0.040
0.325
0.368
0.370
0.235
0.256
0.262
0.090
0.125
MATERIAL
BAND:
PH = 17-7 PH. CORROSION RESISTANT STEEL PER MIL-S-25043 OR AMS 5528. STRESS RELIEVE AND HEAT TREAT TO TH1100
CONDITION PER MIL-H-6875, AFTER FORMING.
CUSHION (NOTE 13)
MOLDED, FABRIC REINFORCED, (NOTE 15), FLUOROSILICONE RUBBER PER AMS-R-25988, TYPE II, CLASS 1, GRADE 60, COLOR: ROYAL
BLUE.
FINISH
BAND: CRES, TYPE 17-7; PASSIVATE PER AMS-QQ-P-35 TYPE II.
CUSHION: NONE
CUSHION MATERIAL CODE: F = FLUOROSILICONE
BAND MATERIAL AND LOCKING FEATURE CODE:
H = TYPE 17-17 PH CRES WITHOUT LOCKING FEATURE
L = TYPE 17-17 PH CRES WITH LOCKING FEATURE (NOTE 18)
PROCUREMENT:
THE LOOP CLAMPS DEFINED HEREIN SHALL MEET THE REQUIREMENTS DEFINED IN NOTES 12 AND 17.
AS5874
F
16
H
BAND MATERIAL CODE
DIA IN 1/16THS
CUSHION MATERIAL CODE
BASIC PART NUMBER
CLAMP, LOOP, 1.000 NOMINAL TUBE SIZE, MOLDED FABRIC
REINFORCED
FLUOROSILICONE
ELASTOMER
CUSHION
WITH
INTEGRAL WEDGE, 17-7PH CRES BAND, NO LOCKING FEATURE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com