Electronic Components Datasheet Search
  English  ▼

X  

NJW4100 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW4100
Description  Lithium-ion Battery Charger Controller IC with Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100 Datasheet(HTML) 2 Page - New Japan Radio

  NJW4100 Datasheet HTML 1Page - New Japan Radio NJW4100 Datasheet HTML 2Page - New Japan Radio NJW4100 Datasheet HTML 3Page - New Japan Radio NJW4100 Datasheet HTML 4Page - New Japan Radio NJW4100 Datasheet HTML 5Page - New Japan Radio NJW4100 Datasheet HTML 6Page - New Japan Radio NJW4100 Datasheet HTML 7Page - New Japan Radio NJW4100 Datasheet HTML 8Page - New Japan Radio NJW4100 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NJW4100
- 2 -
Ver.2005-01-20
■ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Operating Voltage
V+
+15
V
C1 Pin Voltage
VC1
+5
V
C2 Pin Voltage
VC2
+5
V
TDET Pin Voltage
VTDET
+5
V
CNT Pin Output Current
ISINK-CNT
50
mA
LED-G Pin Output Current
ISINK-G
20
mA
LED-R Pin Output Current
ISINK-R
20
mA
Power Dissipation
PD
DMP20
:300
SSOP20 :300
mW
Operating Temperature Range
TOPR
-20 ~ +85
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
■ELECTRICAL CHARACTERISTICS (V+=5V, Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
General Characteristics
Operating Voltage
VOP
–
–
14
V
Operating Current
ICC
CHG-SW: OPEN
–
2
3
mA
Under Voltage Lockout Block
ON Threshold Voltage
VT-ON
2.2
2.4
2.6
V
OFF Threshold Voltage
VT-OFF
2.0
2.2
2.4
V
Hysteresis Voltage
VHYS
100
200
300
mV
Reference Voltage Block
Reference Voltage
VREF
IREF=0mA
1.228
1.24
1.253
V
Load Regulation
∆VREF
IREF=0mA~1mA
–
–
10
mV
Voltage Detection Block
Quick Charge Detection Voltage
VQ-CHG VS: L→H
VBAT
x 0.71
VBAT
x 0.73
VBAT
x 0.75
V
Re-Charge Detection Voltage
VR-CHG VS: H→L
VBAT
x 0.94
VBAT
x 0.95
VBAT
x 0.96
V
Over Voltage Detection Voltage
VOV
VS: L→H
VBAT
x 1.015
VBAT
x 1.025
VBAT
x 1.035
V
Charge Control Block
Reference Voltage
VREF-CV VS Pin
4.17
4.2
4.23
V
VS Pin Input Bias Current
IVS
VS=4.2V
–
50
500
nA
Battery Connected
Detection Voltage
VT-TDET TDET Pin
–
1.15
–
V
Low Voltage Detection (2mA Charge) Block
Charge Current
ICHG1
VS=1V
1
2
3
mA
Low Voltage Detection Voltage
VLV
VS: L→H
VBAT
x 0.455
VBAT
x 0.475
VBAT
x 0.495
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com