Electronic Components Datasheet Search
  English  ▼

X  

NJW4100 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW4100
Description  Lithium-ion Battery Charger Controller IC with Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100 Datasheet(HTML) 5 Page - New Japan Radio

  NJW4100 Datasheet HTML 1Page - New Japan Radio NJW4100 Datasheet HTML 2Page - New Japan Radio NJW4100 Datasheet HTML 3Page - New Japan Radio NJW4100 Datasheet HTML 4Page - New Japan Radio NJW4100 Datasheet HTML 5Page - New Japan Radio NJW4100 Datasheet HTML 6Page - New Japan Radio NJW4100 Datasheet HTML 7Page - New Japan Radio NJW4100 Datasheet HTML 8Page - New Japan Radio NJW4100 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NJW4100
- 5 -
Ver.2005-01-20
■PIN CONFIGULATION
Pin No.
Pin Name
Function
1
P-CHG
Pre-Charge Current Setting
2
NFB
Current-Regulation-Loop Compensation
3
CNT
Charge Control for Output Pin (External PNP Transistor)
4
GND
GND
5
NC
6
F-CHG
Full Charge Current Setting
7
LED-G
LED Output
8
LED-R
LED Output
9
C1
Pre-Charge Timer, 2mA Charge Timer, LED Blinking Cycle, Delay Time Setting
10
C2
Quick Timer Setting
11
CHG-SW
Charge ON/OFF Control
12
TL
Batteries Thermal (High Temperature) Setting
13
TH
Batteries Thermal (Low Temperature) Setting
14
TDET
Battery Temperature Detection, Battery Connected Detection
15
V+
Operating Voltage
16
VREF
Reference Voltage Output
17
VS
Battery Voltage Detection
18
CS2
Charge Current Detection 2
19
CS1
Charge Current Detection 1
20
Q-CHG
Quick Charge Current Setting
■CHARGE VOLTAGE / CURRENT for RESISTANCE SETTING
Parameter
Calculation formula
Examples of calculation
Charge Control Voltage
VBAT=
2
B
2
B
1
B
R
R
R
+
x VREF-CV(4.2V)
4.2V
8.4V
Low Voltage Detection Voltage
VBAT x 0.475
2.00V
3.99V
Quick Charge Start Voltage
VBAT x 0.73
3.07V
6.13V
Re-Charge Detection Voltage
VBAT x 0.95
3.99V
7.98V
Over Voltage Detection Voltage
VBAT x 1.025
4.305V
8.61V
Pre-Charge Current
IP-CHG= (
2
P
1
P
2
P
R
R
R
+
x VREF(1.24V) / 4) / RCS
(at. RP1:232k
Ω, RP2:16kΩ, RCS=0.2Ω)
100mA
Quick Charge Current
IQ-CHG= (
2
Q
1
Q
2
Q
R
R
R
+
x VREF(1.24V) / 4) / RCS
(at. RQ1:128k
Ω, RQ2:120kΩ, RCS=0.2Ω)
750mA
Full Charge Current
IF-CHG= (
2
F
1
F
2
F
R
R
R
+
x VREF(1.24V) / 8) / RCS
(at. RF1:114.4k
Ω, RF2:9.6kΩ, RCS=0.2Ω)
60mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com