Electronic Components Datasheet Search
  English  ▼

X  

NJW4100 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJW4100
Description  Lithium-ion Battery Charger Controller IC with Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJW4100 Datasheet HTML 4Page - New Japan Radio NJW4100 Datasheet HTML 5Page - New Japan Radio NJW4100 Datasheet HTML 6Page - New Japan Radio NJW4100 Datasheet HTML 7Page - New Japan Radio NJW4100 Datasheet HTML 8Page - New Japan Radio NJW4100 Datasheet HTML 9Page - New Japan Radio NJW4100 Datasheet HTML 10Page - New Japan Radio NJW4100 Datasheet HTML 11Page - New Japan Radio NJW4100 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NJW4100
- 8 -
Ver.2005-01-20
■FEATURE DESCRIPTION
1. Voltage Detection Block (VS pin)
The VS pin determines charge voltage, low voltage, over voltage, and re-charge voltage. Battery voltage conditions are
constantly monitored. (Figure 1)
1-1. Charge Voltage (VS pin)
Charge voltage VBAT is set using the VS pin external
resistors RB1 and RB2 and the following equation:
VBAT=
2
B
2
B
1
B
R
R
R
+
x VREF-CV(4.2V)
Using the following settings makes it easy to support
applications for one or two cells: for one cell, RB1= short,
and RB2= open; for two cells, RB1=RB2.
If you use a high resistance, the VS pin's bias current will
cause incorrect values. Use as low a resistance as
possible.
1-2. Overcharge Detection Block (VS pin)
The overcharge detection block stops charging when a
high voltage is detected at the VS pin.
The overcharge detection voltage is obtained with the following equation:
VOV=VBAT × 1.025 (typ.)
When overcharge is detected, charging is prohibited and LED-R blinks. After that, charge will continue to be prohibited, even
after battery voltage drops to a normal value. Turning the power off to release UVLO, battery connection detection, or
CHG-SW switching will enable the charge sequence to restart.
1-3. Low Voltage Detection (2mA charge) Block (VS pin, CS1 pin)
The low voltage detection block detects an
over-discharged battery, or an open battery caused by
the battery protection circuit or the like. This will
determine a 2mA charge prior to pre-charging.
The low voltage detection voltage is obtained with the
following equation:
VLV=VBAT × 0.475 (typ.)
During a 2mA charge, the block monitors battery voltage
recovery while a steady 2mA current is output from the
CS1 pin. (Figure 2)
If voltage does not recover within a prescribed time, the
timer will prohibit 2mA charging. Turning the power off to
release UVLO, battery connection detection, or CHG-SW
switching will enable the charge sequence to restart.
1-4. Re-Charge Detection (VS pin)
When a fully charged battery is left for a long period of time, voltage will drop due to self-discharge. The re-charge detection
block detects a drop in voltage and re-charges the battery.
The re-charge detection voltage is obtained with the following equation.
VR-CHG=VBAT × 0.95 (typ.)
Low Voltage
Detection
12dB
CS1
RB1
RB2
VS
Rcs
CS2
To Charge
Output
Control Block
2mA Charge
Current
To Charge Current
Control Amp
2mA Charge
VBAT x 0.475
RB1
RB2
VS
To Charge
Control Block
To OR
Circuit
Charge Voltage
Control Amp
VREF2
CVCC-ON
Low Voltage
Detection
Over Voltage
Detection
Recharge
Detection
Quick Charge
Detection
Battery
Voltage
Detection
For 1 Cell
RB1: Short
RB2: Open
VBAT x 0.95
VBAT x 0.73
VBAT x 1.025
VBAT x 0.475
Figure 1. Voltage Detection Block Configuration
Figure 2. 2mA Charging Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com