Electronic Components Datasheet Search
  English  ▼

X  

NJW4100V Datasheet(PDF) 10 Page - New Japan Radio

Part # NJW4100V
Description  Lithium-ion Battery Charger Controller IC with Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100V Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJW4100V Datasheet HTML 6Page - New Japan Radio NJW4100V Datasheet HTML 7Page - New Japan Radio NJW4100V Datasheet HTML 8Page - New Japan Radio NJW4100V Datasheet HTML 9Page - New Japan Radio NJW4100V Datasheet HTML 10Page - New Japan Radio NJW4100V Datasheet HTML 11Page - New Japan Radio NJW4100V Datasheet HTML 12Page - New Japan Radio NJW4100V Datasheet HTML 13Page - New Japan Radio NJW4100V Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NJW4100
- 10 -
Ver.2005-01-20
■FEATURE DESCRIPTION (CONTINUED)
3. Charge Control Output Block (CNT pin)
A PNP transistor connected to the CNT pin controls the voltage and current required to charge the battery.
When the CHG-SW pin and battery-connected detection are both ON the system moves to charge control mode. If battery
voltage and temperature conditions are appropriate, charging will begin. During 2mA charging the PNP transistor will go to
OFF status.
4. Temperature Detection Block, Battery Connected Detection Block (TDET pin, TH pin, TL pin)
The charge temperature range is set with the TL pin (high temperature) and the TH pin (low temperature).
The threshold voltage for the temperature detection comparator is set with the external resistors RTHL, RTH, RTL. Therefore,
you can select any type of thermistor (NTC) and any charge temperature range (Figure 4).
The TL pin and the TH pin are set to go to the potential states shown below for fluctuations in TDET voltage.
VTL (high temperature) < VTDET (charge Temperature) < VTH (low temperature)
Pin voltages are obtained from the
following formulae.
TDET pin (thermistor setting)
)
V
24
.
1
(
REF
T
TDET
T
TDET
V
R
R
R
V
×
+
=
TH pin (low temperature setting)
)
V
24
.
1
(
REF
TL
TH
THL
TL
TH
TH
V
R
R
R
R
R
V
×
+
+
+
=
TL pin (high temperature setting)
)
V
24
.
1
(
REF
TL
TH
THL
TL
TL
V
R
R
R
R
V
×
+
+
=
Figure 4 Temperature Detection Block
When the detected temperature goes out of the range of the set values, charging stops, and LED-R and LED-G turn off.
After temperature is restored, charging recommences in line with battery voltage status.
The TDET pin is also used for the battery-connected detection feature.
The battery-connected detection feature determines that a battery is connected if TDET pin voltage is no greater than
1.15V(typ.), and commences charging.
Battery Connected
Detection
Low Temperature
Detection
High Temperature
Detection
Charge
-ON
TDET
TH
TL
Lithium Ion Battery
VREF
To CHG-SW
RTL
RTH
RTHL
RTDET
RT
To UVLO
VT-TDET=1.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com