Electronic Components Datasheet Search
  English  ▼

X  

NJW4100V Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW4100V
Description  Lithium-ion Battery Charger Controller IC with Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100V Datasheet(HTML) 3 Page - New Japan Radio

  NJW4100V Datasheet HTML 1Page - New Japan Radio NJW4100V Datasheet HTML 2Page - New Japan Radio NJW4100V Datasheet HTML 3Page - New Japan Radio NJW4100V Datasheet HTML 4Page - New Japan Radio NJW4100V Datasheet HTML 5Page - New Japan Radio NJW4100V Datasheet HTML 6Page - New Japan Radio NJW4100V Datasheet HTML 7Page - New Japan Radio NJW4100V Datasheet HTML 8Page - New Japan Radio NJW4100V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NJW4100
- 3 -
Ver.2005-01-20
■ELECTRICAL CHARACTERISTICS (V+=5V, Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Current Detection Block
Pre-Charge /Quick Charge Block
Voltage Gain
AV1
CS1=3.8V, CS2=3.6V
11.5
12
12.5
dB
Full Charge Block Voltage Gain
AV2
CS2=VS=4.2V, VF-CHG=96mV
15.5
18
21
dB
F-CHG Pin Input Voltage Range
VF-CHG
CS2=VS=4.2V
48
–
–
mV
CS1 Pin Input Bias Current
ICS1
CS1=4.2V
–
10
500
nA
CS2 Pin Input Bias Current
ICS2
CS2=4.2V
–
10
500
nA
Output Block
CNT Pin Saturation Voltage
VOL-CNT ISINK=20mA
–
0.2
0.5
V
CNT Pin Leak Current
ILEAK-CNT V
+=14V
–
–
1
µA
LED Out Block
LED-G Pin Saturation Voltage
VOL-G
ISINK=10mA
–
0.2
0.5
V
LED-G Pin Leak Current
ILEAK-G
V+=14V
–
–
1
µA
LED-R Pin Saturation Voltage
VOL-R
ISINK=10mA
–
0.2
0.5
V
LED-R Pin Leak Current
ILEAK-R
V+=14V
–
–
1
µA
Timer Block
OSC1 Timer Error Time
∆T1
-10
–
+10
%
OSC2 Timer Error Time
∆T2
C1=C2=0.01
µF external
Not including external deviation
-10
–
+10
%
CHG-SW Block
ON Threshold Voltage
VSW-ON
–
–
0.25
V
OFF Threshold Voltage
VSW-OFF
1
–
–
V
Pull-up Resistance
RPULL-UP
300
500
700
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com