Electronic Components Datasheet Search
  English  ▼

X  

NJW4100V Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW4100V
Description  Lithium-ion Battery Charger Controller IC with Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100V Datasheet(HTML) 4 Page - New Japan Radio

  NJW4100V Datasheet HTML 1Page - New Japan Radio NJW4100V Datasheet HTML 2Page - New Japan Radio NJW4100V Datasheet HTML 3Page - New Japan Radio NJW4100V Datasheet HTML 4Page - New Japan Radio NJW4100V Datasheet HTML 5Page - New Japan Radio NJW4100V Datasheet HTML 6Page - New Japan Radio NJW4100V Datasheet HTML 7Page - New Japan Radio NJW4100V Datasheet HTML 8Page - New Japan Radio NJW4100V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NJW4100
- 4 -
Ver.2005-01-20
■TYPICALAPPLICATION
VREF1
VREF2
OSC
1
OSC
2
CLK
Control
Logic
RPULL-UP
V
+
6dB
CVCC-ON
VREF2
12dB
CVCC-ON
V
+
Charge
-ON
Quick/
Pre-Charge
CVCC-ON
CS1 pin
LED-G
LED-R
2mA
Charge
Charge
ON/OFF
Battery
Voltage
Detection
RP1
RP2
RQ1
RQ2
Q-CHG
P-CHG
VREF
CS2
NFB
CS1
TDET
TH
TL
Lithium Ion Battery
RB1
RB2
VS
Rcs
CS2
F-CHG
CNT
RF1
RF2
VREF
VREF
CHG-SW
C1
C2
LED-G
LED-R
GND
VREF
V
+
Input
GND
When is 1-cell、
RB1:Short
RB2:Open
Re-Charge
Quick Charge
Over Voltage
Detection
Low Voltage
Detection
Low Temperature
Detection
High Temperature
Detection
Battery Connected
Detection
UVLO
Reference
Voltage 1
1.24V
Reference
Voltage 2
4.2V
Full
Charge
Timer
Pre-
Charge
Timer
Full Charge
Detection
Start/Stop
Time Out
Start/Stop
Time Out
VBAT x 0.95
VBAT x 0.73
VBAT x 1.025
VBAT x 0.475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com